Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 13Page - Texas Instruments PCM5310PAPR Datasheet HTML 14Page - Texas Instruments PCM5310PAPR Datasheet HTML 15Page - Texas Instruments PCM5310PAPR Datasheet HTML 16Page - Texas Instruments PCM5310PAPR Datasheet HTML 17Page - Texas Instruments PCM5310PAPR Datasheet HTML 18Page - Texas Instruments PCM5310PAPR Datasheet HTML 19Page - Texas Instruments PCM5310PAPR Datasheet HTML 20Page - Texas Instruments PCM5310PAPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 103 page
background image
DETAILED DESCRIPTION
ANALOG INPUTS
PGA-AD2L
PGA-AD1L
PGA-AD1R
PGA-AD2R
ADC-1L
ADC-1R
ADC-2L
ADC-2R
AIN1L
AIN2L
AIN3L
AIN4L
AIN5L
AIN6L
AIN1R
AIN2R
AIN3R
AIN4R
AIN5R
AIN6R
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
The PCM5310 includes a four-channel analog-to-digital converter (ADC) with a programmable gain amplifier
(PGA) and six stereo analog inputs with a 2-VRMS input. Pins AIN1L/1R to AIN6L/6R are connected to the ADC
left (L) or right (R) channel through the analog multiplexer (mux) and PGA, as shown in Figure 28. If the analog
input voltage level is less than 2 VRMS, it can be amplified by using the PGA. The gain level can be set to 9 dB,
6 dB, or 3 dB. The descriptions for the analog input registers are shown in Table 1.
Figure 28. Analog Inputs
Table 1. Analog Input Registers
REGISTER DESCRIPTION
REGISTER NUMBER
REGISTER BITS
Analog input mux selection for ADC1L/1R
20
AX1R[2:0], AX1L[2:0]
Analog input mux selection for ADC2L/2R
21
AX2R[2:0], AX2L[2:0]
Analog input gain control for ADC1L/1RW
22
AG1R[1:0], AG1L[1:0]
Analog input gain control for ADC2L/2R
23
AG2R[1:0], AG2L[1:0]
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com