Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 32Page - Texas Instruments PCM5310PAPR Datasheet HTML 33Page - Texas Instruments PCM5310PAPR Datasheet HTML 34Page - Texas Instruments PCM5310PAPR Datasheet HTML 35Page - Texas Instruments PCM5310PAPR Datasheet HTML 36Page - Texas Instruments PCM5310PAPR Datasheet HTML 37Page - Texas Instruments PCM5310PAPR Datasheet HTML 38Page - Texas Instruments PCM5310PAPR Datasheet HTML 39Page - Texas Instruments PCM5310PAPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 103 page
background image
MUTE CONTROL TIMING DURING CLOCK CHANGES
I CSetting
2
ClockSourceB
ClockSourceA
241
8f (ADC)
1f (DAC)
(1)
S
S
Thedigital andanaloginputsshouldbezerodataatfirst.Thenusethefollowingsettingprocedure:
a)Disablezerocrossingdetection.
b)Enableanalogordigitaloutputmute.
c)Changetheclocksource.
d)Disabletheanalogordigitalmute.
NOTE:
35 f (ADC)
25f (DAC)
S
S
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
The PCM5310 has six audio interface ports and can change from the current source to another source. However,
the analog output or digital output may have an audible pop noise when changing or stopping clocks. It is
recommend to use the mute control with zero data input and waiting time to avoid pop noise and clean up the
internal circuit via I2C. Figure 43 illustrates the details.
Note that the digital and analog inputs should be zero data initially. After that, use the following steps:
1. Disable zero crossing detection.
2. Enable the analog or digital output mute.
3. Change the clock source.
4. Disable the analog or digital mute.
(1)
Value depends on attenuation level setting in Registers 82, 83, 92, and 93.
Figure 43. Mute Control Timing During Clock Changes
36
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com