Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 30Page - Texas Instruments PCM5310PAPR Datasheet HTML 31Page - Texas Instruments PCM5310PAPR Datasheet HTML 32Page - Texas Instruments PCM5310PAPR Datasheet HTML 33Page - Texas Instruments PCM5310PAPR Datasheet HTML 34Page - Texas Instruments PCM5310PAPR Datasheet HTML 35Page - Texas Instruments PCM5310PAPR Datasheet HTML 36Page - Texas Instruments PCM5310PAPR Datasheet HTML 37Page - Texas Instruments PCM5310PAPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 103 page
background image
HEADPHONE INSERTION DETECTION
HPOR
PGND
Headphone
Jack
DSP
VDD
SDA
SCL
GPIO1,GPIO2,orGPIO3
HPOL
Headphone
Amplifier
GPIO
Control
I C
Register
2
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
The descriptions for the headphone insertion detection registers are shown in Table 21. The PCM5310 detects
the insertion status of a headphone plug using the GPIO pins through the register setting and writes the status to
the register, which can be read by the I2C interface. The status can also output to the GPIO pins, as shown in
Figure 41.
Table 21. Headphone Insertion Detection Registers
REGISTER DESCRIPTION
REGISTER NUMBER
REGISTER BITS
GPIO1 selection
09
GSL1[4:0]
GPIO2 selection
10
GSL2[4:0]
GPIO3 selection
11
GSL3[4:0]
Read status for headphone insertion
35
RIPI
Figure 41. Headphone Insertion Detection
34
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com