Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 14Page - Texas Instruments PCM5310PAPR Datasheet HTML 15Page - Texas Instruments PCM5310PAPR Datasheet HTML 16Page - Texas Instruments PCM5310PAPR Datasheet HTML 17Page - Texas Instruments PCM5310PAPR Datasheet HTML 18Page - Texas Instruments PCM5310PAPR Datasheet HTML 19Page - Texas Instruments PCM5310PAPR Datasheet HTML 20Page - Texas Instruments PCM5310PAPR Datasheet HTML 21Page - Texas Instruments PCM5310PAPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 103 page
background image
ANALOG OUTPUTS
DAC-1L
PGA-L01L
AIN1L
AIN2L
AIN3L
AIN4L
AIN5L
AIN6L
AIN1R
AIN2R
AIN3R
AIN4R
AIN5R
AIN6R
PGA-L01R
PGA-L02L
PGA-L02R
PGA-HPOL
PGA-HPOR
DAC-1R
DAC-2L
DAC-2R
HP
HP
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
The PCM5310 includes a four-channel digital-to-analog converter (DAC), two stereo line outputs with analog
level control, a headphone output with analog volume control, and an analog multiplexer (mux) with analog direct
input path. Line outputs (LO1L, LO1R, LO2L, LO2R) have a 2-VRMS capability without external amplifiers. If an
audio application requires a higher output voltage level, the PCM5310 can achieve a 2.4-VRMS output.
The headphone output (HPOL, HPOR) has a driving capability of more than 30 mW of output power into a 16-
Ω
load at 0.1% THD, and an analog volume with zero crossing that can be controlled from –70 dB to 12 dB. For
audio applications that require it, the analog volume for the the L- and R-channels can be set simultaneously
using the headphone output update control.
The line outputs and headphone output can select analog input sources from all the analog inputs and each DAC
channel, as shown in Figure 29. The descriptions for the analog output registers are shown in Table 2.
Figure 29. Analog Outputs
Table 2. Analog Output Registers
REGISTER DESCRIPTION
REGISTER NUMBER
REGISTER BITS
Gain level control for line outputs
27
GL2R[1:0], GL2L[1:0], GL1R[1:0], GL1L[1:0]
2.0 VRMS or 2.4 VRMS selection for line outputs
28
G242, G241
Headphone volume zero crossing update control
30
HUPE, HSUR, HSUL, HZRS
Headphone output volume level setting
31, 32
HMUL, HMUR, HVOL[6:0], HVOR[6:0]
Analog output mux selection for line output 1
24
AL1R[3:0], AL1L[3:0]
Analog output mux selection for line output 2
25
AL2R[3:0], AL2L[3:0]
Analog output mux selection for headphone output
26
AHPR[3:0], AHPL[3:0]
18
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com