Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 24Page - Texas Instruments PCM5310PAPR Datasheet HTML 25Page - Texas Instruments PCM5310PAPR Datasheet HTML 26Page - Texas Instruments PCM5310PAPR Datasheet HTML 27Page - Texas Instruments PCM5310PAPR Datasheet HTML 28Page - Texas Instruments PCM5310PAPR Datasheet HTML 29Page - Texas Instruments PCM5310PAPR Datasheet HTML 30Page - Texas Instruments PCM5310PAPR Datasheet HTML 31Page - Texas Instruments PCM5310PAPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 103 page
background image
DATAx
(1)
(OutputMode)
0.5V
DD
1. 4V
LRCKx
(Input)
BCKx
(Input)
1. 4V
DATAx
(InputMode)
1. 4V
t
BCH
t
BCL
t
BCY
t
LRH
t
LRS
t
DIS
t
DIH
t
DOD
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
(1)
Load capacitance of output is 20 pF.
Figure 35. Audio Interface Timing (Slave Mode)
Table 12. Timing Requirements for Figure 35
PARAMETER
MIN
MAX
UNIT
tBCY
BCKx cycle time
75
ns
tBCH
BCKx pulse width high
35
ns
tBCL
BCKx pulse width low
35
ns
tLRS
LRCKx set-up time to BCKx rising edge
15
ns
tLRH
LRCKx hold time to BCKx rising edge
10
ns
tDIS
DATAx setup time to BCKx rising edge
10
ns
tDIH
DATAx hold time to BCKx rising edge
10
ns
tDOD
DATAx delay time from BCKx falling edge
0
30
ns
28
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com