Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 60 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 56Page - Texas Instruments PCM5310PAPR Datasheet HTML 57Page - Texas Instruments PCM5310PAPR Datasheet HTML 58Page - Texas Instruments PCM5310PAPR Datasheet HTML 59Page - Texas Instruments PCM5310PAPR Datasheet HTML 60Page - Texas Instruments PCM5310PAPR Datasheet HTML 61Page - Texas Instruments PCM5310PAPR Datasheet HTML 62Page - Texas Instruments PCM5310PAPR Datasheet HTML 63Page - Texas Instruments PCM5310PAPR Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 103 page
background image
Register 46 (2Eh)
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
DFM12[1:0]: Audio Interface Format for DAC12
These bits select the DAC12 audio data format as I2S, right-justified, or left-justified.
Default value: 00
00
16 to 24 bits, I2S (default)
01
16 to 24 bits, left-justified
10
24 bits, right-justified
11
16 bits, right-justified
DM12: De-Emphasis Filter Enable for DAC12
This bit enables the DAC12 de-emphasis filter. The frequency can be selected by setting bits DF12[1:0] of
Register 45.
Default value: 0
0
Disable (default)
1
Enable
DF12[1:0]: De-Emphasis Filter Sampling Rate Selection for DAC12
A digital de-emphasis filter is in front of the interpolation filter. One of three de-emphasis filters can be selected
corresponding to the sampling rate: 32 kHz, 44.1 kHz, or 48 kHz.
Default value: 00
00
44.1 kHz (default)
01
48 kHz
10
32 kHz
11
Reserved
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
46
2Eh
Power up/down, oversampling rate control for DAC12
PD12
RSV
OV12[1:0]
ZR12
RSV
RSV
RSV
PD12: Power Up/Down Control for DAC12
This bit controls the power up/down for DAC12, including the interpolation filter.
Default value: 1
0
Power up
1
Power down (default)
OV12[1:0]: Oversampling Rate Control for DAC12
These bits are used to control the oversampling rate of the DAC12 delta-sigma modulator.
Default value: 01
SYSTEM CLOCK RATE
OV12
128 fS, 192 fS
256 fS, 384 fS
128 fS, 192 fS
00
16 fS
32 fS
64 fS
01 (default)
32 fS
64 fS
128 fS
10
—
—
11
32 fS
128 fS
(1)
128 fS
(1)
(1)
Less than fS = 48 kHz
60
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com