Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 5 Page - Texas Instruments

  PCM5310PAPR Datasheet HTML 1Page - Texas Instruments PCM5310PAPR Datasheet HTML 2Page - Texas Instruments PCM5310PAPR Datasheet HTML 3Page - Texas Instruments PCM5310PAPR Datasheet HTML 4Page - Texas Instruments PCM5310PAPR Datasheet HTML 5Page - Texas Instruments PCM5310PAPR Datasheet HTML 6Page - Texas Instruments PCM5310PAPR Datasheet HTML 7Page - Texas Instruments PCM5310PAPR Datasheet HTML 8Page - Texas Instruments PCM5310PAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 103 page
background image
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VDD = VCCAD = VCCDA = VCCP = 3.3 V, VCCH = 9 V, fS = 48 kHz, system clock = 256 fS, and
24-bit data, unless otherwise noted.
PCM5310
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT TO ANALOG OUTPUT PATH (BYPASS)
Dynamic Performance
Full-scale input voltage
Analog input = 0 dB, VOL = 0dB
2
VRMS
Analog input = 0 dB, G242,
Full-scale output voltage
2
VRMS
G241 = low
Dynamic range
EIAJ, A-weighted
90
100
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
90
100
dB
Channel separation
88
97
dB
Analog input = 0 dB, G242,
THD+N
Total harmonic distortion + noise
0.003
0.006
%
G241 = low
DC Accuracy
Analog input = 0 dB, G242,
Gain error
±3
±13
% of FSR
G241 = low
Gain mismatch,
3
±13
% of FSR
channel-to-channel
Bipolar zero error
Zero data input
±20
±60
mV
analog input
Zero data input
0.5 VCCAD
V
Center voltage
analog output
Zero data input
0.5 VCCDA
V
Analog Input
Input impedance
37.6
47
56.4
k
Ω
FILTERS
Interpolation Filters for DAC
Passband
0.454 fS
kHz
Stop band
0.546 fS
kHz
Passband ripple
±0.04
dB
Stop-band attenuation
–50
dB
Group delay
20/fS
s
De-emphasis error
±0.1
dB
Analog Filter for DAC
Frequency response
fC = 20 kHz
±0.1
dB
Cutoff frequency
Gain = –3 dB
190
kHz
Decimation Filter for ADC
Passband
0.454 fS
kHz
Stop band
0.583 fS
kHz
Passband ripple
±0.05
dB
Stop-band attenuation
–65
dB
Group delay
17.4/fS
s
Analog Filter for ADC
Frequency response
fC = 20 kHz
±0.01
dB
Cutoff frequency
Gain = –3 dB
500
kHz
High-Pass Filter for ADC
Frequency response
Gain = –3 dB
0.91
Hz
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com