Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 28Page - Texas Instruments PCM5310PAPR Datasheet HTML 29Page - Texas Instruments PCM5310PAPR Datasheet HTML 30Page - Texas Instruments PCM5310PAPR Datasheet HTML 31Page - Texas Instruments PCM5310PAPR Datasheet HTML 32Page - Texas Instruments PCM5310PAPR Datasheet HTML 33Page - Texas Instruments PCM5310PAPR Datasheet HTML 34Page - Texas Instruments PCM5310PAPR Datasheet HTML 35Page - Texas Instruments PCM5310PAPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 103 page
background image
GPIO CONTROL
GPIO
Control
HP Insertion
HP Protection
Zero Flag
Register Out
Logic In/Out
Connect to Port
GPIO1
GPIO2
GPIO3
GPIO2
GPIO3
GPIO1
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
The PCM5310 has three general-purpose input/output (GPIO) pins (pins 55, 56, and 57) that can be assigned to
various functions and internal status reads shown in Table 16, Table 17, Table 18, and Figure 39.
Table 16. GPIO Control Registers
REGISTER DESCRIPTION
REGISTER NUMBER
REGISTER BITS
GPIO1 select, bypass PORT-4
09
GBP4, GSL1[4:0]
GPIO2 select, bypass PORT-5
10
GBP5, GSL2[4:0]
GPIO3 select
11
GSL3[4:0]
Table 17. Register Data Read Through the GPIO Pins
REGISTER DESCRIPTION
REGISTER NUMBER
REGISTER BITS
External device control
08
GPO3, GPO2, GPO1
Headphone short-circuit protection status
16
SSHR, SSHL
Headphone insertion detect status
35
RHPI
Mute status for headphone
35
RHMUR, RHMUL
System clock fS detect for DAC12, DAC34
35, 36
RD12FS[2:0], RD34[2:0]
System clock fS detect for ADC12, ADC34
37, 38
RA12FS[2:0], RA34[2:0]
Digital mute status for DAC12 and DAC34
36
RDM4, RDM3, RDM2, RDM1
Digital mute status for ADC12 and ADC34
37
RAM4, RAM3, RAM2, RAM1
Zero crossing timeout for DAC12 and DAC34
38
RDZ4, RDZ3, RDZ2, RDZ1
Zero crossing timeout for ADC12 and ADC34
39
RAZ4, RAZ3, RAZ2, RAZ1
Zero crossing timeout for headphone
39
RHZR, RHZL
Table 18. Other GPIO Pin Functions
GPIO PIN FUNCTION
DESCRIPTION
Zero flag for digital input
Read the status for each DAC channel or all DAC channels
Logic
OR, AND, NOR, NAND, buffer, inverter
Audio data
Bypass audio data to PORT-4 and PORT-5 from GPIO pins
Figure 39. GPIO Control
32
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com