Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 64 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 60Page - Texas Instruments PCM5310PAPR Datasheet HTML 61Page - Texas Instruments PCM5310PAPR Datasheet HTML 62Page - Texas Instruments PCM5310PAPR Datasheet HTML 63Page - Texas Instruments PCM5310PAPR Datasheet HTML 64Page - Texas Instruments PCM5310PAPR Datasheet HTML 65Page - Texas Instruments PCM5310PAPR Datasheet HTML 66Page - Texas Instruments PCM5310PAPR Datasheet HTML 67Page - Texas Instruments PCM5310PAPR Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 103 page
background image
Registers 54 and 55 (36h and 37h)
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
54
36h
Master/slave interface format for DAC34
DMS34[3:0]
RSV
RSV
DFM34[1:0]
55
37h
De-emphasis filter control for DAC34
RSV
RSV
RSV
RSV
DM34
RSV
DF34[1:0]
DMS34[3:0]: Master/Slave Audio Interface Setting for DAC34
These bits set the master or slave mode. DAC34 receives LRCK and BCK from PORT-1, PORT-2, PORT-3,
PORT-4, PORT-5 or PORT-6 in slave mode, and generates LRCK and BCK from SCK in master mode.
Default value: 1000
MASTER/SLAVE AUDIO INTERFACE SETTING FOR
MASTER/SLAVE AUDIO INTERFACE SETTING FOR
DMS34[3:0]
DAC34
DMS34[3:0]
DAC34
0000
Reserved
1000
Slave and system clock fS auto-detect mode (default)
0001
Master and system clock 768 fS
1001
Slave and system clock 768 fS
0010
Master and system clock 512 fS
1010
Slave and system clock 512 fS
0011
Master and system clock 384 fS
1011
Slave and system clock 384 fS
0100
Master and system clock 256 fS
1100
Slave and system clock 256 fS
0101
Master and system clock 192 fS
1101
Slave and system clock 192 fS
0110
Master and system clock 128 fS
1110
Slave and system clock 128 fS
0111
Reserved
1111
Reserved
DFM34[1:0]: Audio Interface Format for DAC34
These bits select the DAC34 audio data format as I2S, right-justified, or left-justified.
Default value: 00
00
16 to 24 bits, I2S (default)
01
16 to 24 bits, left-justified
10
24 bits, right-justified
11
16 bits, right-justified
DM34: De-Emphasis Filter Enable for DAC34
This bit enables the DAC34 de-emphasis filter. The frequency can be selected by setting bits DF34[1:0] of
Register 55.
Default value: 0
0
Disable (default)
1
Enable
DF34[1:0]: De-Emphasis Filter Sampling Rate Selection for DAC34
A digital de-emphasis filter is in front of the interpolation filter. One of three de-emphasis filters can be selected
corresponding to the sampling rate: 32 kHz, 44.1 kHz, or 48 kHz.
Default value: 00
00
44.1 kHz (default)
01
48 kHz
10
32 kHz
11
Reserved
64
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com