Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 92 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 88Page - Texas Instruments PCM5310PAPR Datasheet HTML 89Page - Texas Instruments PCM5310PAPR Datasheet HTML 90Page - Texas Instruments PCM5310PAPR Datasheet HTML 91Page - Texas Instruments PCM5310PAPR Datasheet HTML 92Page - Texas Instruments PCM5310PAPR Datasheet HTML 93Page - Texas Instruments PCM5310PAPR Datasheet HTML 94Page - Texas Instruments PCM5310PAPR Datasheet HTML 95Page - Texas Instruments PCM5310PAPR Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 103 page
background image
BASIC CONNECTION DIAGRAMS
AIN1L(1)
AIN1R(2)
AIN2L(3)
AIN2R(4)
AIN3L(5)
AIN3R(6)
AIN4L(7)
AIN4R(8)
AIN5L(9)
AIN5R(10)
AIN6L(11)
AIN6R(12)
(13)LO1L
(14)LO1R
(15)LO2L
(16)LO2R
(19)HPOL
(22)HPOR
(25)VCOMDA
(64)VCOMAD
(62)VREFAD1
(63)VREFAD2
(58)RSTB
(59)AMUTE
(27)SDA
(28)SCL
(55)GPIO1
(26)GPIO2
(27)GPIO3
(26)AGNDS
SCK1(29)
BCK1(30)
LRCK1(31)
DATA1(32)
SCK2(33)
BCK2(34)
LRCK2(35)
DATA2(36)
SCK3(37)
BCK3(38)
LRCK3(39)
DATA3(40)
SCK4(43)
BCK4(44)
LRCK4(45)
DATA4(46)
SCK5(47)
BCK5(48)
LRCK5(49)
DATA5(50)
SCK6(51)
BCK6(52)
LRCK6(53)
DATA6(54)
22
to100
W
W
ExternalCircuit
ExternalCircuit
ExternalCircuit
ExternalCircuit
ExternalCircuit
ExternalCircuit
ExternalCircuit
ExternalCircuit
ExternalCircuit
ExternalCircuit
ExternalCircuit
Line
Input
Control
Interface
AudioInterface
andClocks
(1)
(2)
ExternalCircuit
ExternalCircuit
ExternalCircuit
ExternalCircuit
ExternalCircuit
1.0 F
m
1.0 F
m
1.0 F
m
(41)VDD
(42)DGND
(23)VCCDA
(24)AGNDDA
(60)VCCAD
(61)AGNDAD
(20)VCCP
(21)PGND
(18)VCCH
(17)HGND
+
+
+
+
+
3.3V
9.0V
>4.7 F
m
>4.7 F
m
>4.7 F
m
>4.7 F
m
>4.7 F
m
Power
Supply
Reference
Voltage
(3)
Line
Output
Headphone
Output
ExternalCircuit
ExternalCircuit
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
(1)
See Figure 54 for the line input.
(2)
See Figure 55 for the line output.
(3)
See Figure 56 for the headphone output.
Figure 53. Basic Connections
92
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com