Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 53 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 49Page - Texas Instruments PCM5310PAPR Datasheet HTML 50Page - Texas Instruments PCM5310PAPR Datasheet HTML 51Page - Texas Instruments PCM5310PAPR Datasheet HTML 52Page - Texas Instruments PCM5310PAPR Datasheet HTML 53Page - Texas Instruments PCM5310PAPR Datasheet HTML 54Page - Texas Instruments PCM5310PAPR Datasheet HTML 55Page - Texas Instruments PCM5310PAPR Datasheet HTML 56Page - Texas Instruments PCM5310PAPR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 103 page
background image
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
Table 32. Headphone Volume Level Control
HP VOLUME
HP VOLUME
HP VOLUME
HVOL[6:0]
LEVEL
HVOL[6:0]
LEVEL
HVOL[6:0]
LEVEL
HVOR[6:0]
CONTROL
HVOR[6:0]
CONTROL
HVOR[6:0]
CONTROL
111 1111
7F
12 dB
110 0010
62
–17 dB
100 0101
45
–46 dB
111 1110
7E
11 dB
110 0001
61
–18 dB
100 0100
44
–47 dB
111 1101
7D
10 dB
110 0000
60
–19 dB
100 0011
43
–48 dB
111 1100
7C
9 dB
101 1111
5F
–20 dB
100 0010
42
–49 dB
111 1011
7B
8 dB
101 1110
5E
–21 dB
100 0001
41
–50 dB
111 1010
7A
7 dB
101 1101
5D
–22 dB
100 0000
40
–51 dB
111 1001
79
6 dB
101 1100
5C
–23 dB
011 1111
3F
–52 dB
111 1000
78
5 dB
101 1011
5B
–24 dB
011 1110
3E
–53 dB
111 0111
77
4 dB
101 1010
5A
–25 dB
011 1101
3D
–54 dB
111 0110
76
3 dB
101 1001
59
–26 dB
011 1100
3C
–55 dB
111 0101
75
2 dB
101 1000
58
–27 dB
011 1011
3B
–56 dB
111 0100
74
1 dB
101 0111
57
–28 dB
011 1010
3A
–57 dB
111 0011
73
0 dB
101 0110
56
–29 dB
011 1001
39
–58 dB
1110010
72
–1 dB
101 0101
55
–30 dB
011 1000
38
–59 dB
111 0001
71
–2 dB
101 0100
54
–31 dB
011 0111
37
–60 dB
111 0000
70
–3 dB
101 0011
53
–32 dB
011 0110
36
–61 dB
110 1111
6F
–4 dB
101 0010
52
–33 dB
011 0101
35
–62 dB
110 1110
6E
–5 dB
101 0001
51
–34 dB
011 0100
34
–63 dB
110 1101
6D
–6 dB
101 0000
50
–35 dB
011 0011
33
–64 dB
110 1100
6C
–7 dB
100 1111
4F
–36 dB
011 0010
32
–65 dB
110 1011
6B
–8 dB
100 1110
4E
–37 dB
011 0001
31
–66 dB
110 1010
6A
–9 dB
100 1101
4D
–38 dB
011 0000
30
–67 dB
110 1001
69
–10 dB
100 1100
4C
–39 dB
010 1111
2F
–68 dB
110 1000
68
–11 dB
100 1011
4B
–40 dB
010 1110
2E
–69 dB
110 0111
67
–12 dB
100 1010
4A
–41 dB
010 1101
2D
–70 dB (default)
110 0110
66
–13 dB
100 1001
49
–42 dB
010 1100
2C
110 0101
65
–14 dB
100 1000
48
–43 dB
⋮
⋮
Mute
110 0100
64
–15 dB
100 0111
47
–44 dB
000 0000
00
110 0011
63
–16 dB
100 0110
46
–45 dB
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com