Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 25Page - Texas Instruments PCM5310PAPR Datasheet HTML 26Page - Texas Instruments PCM5310PAPR Datasheet HTML 27Page - Texas Instruments PCM5310PAPR Datasheet HTML 28Page - Texas Instruments PCM5310PAPR Datasheet HTML 29Page - Texas Instruments PCM5310PAPR Datasheet HTML 30Page - Texas Instruments PCM5310PAPR Datasheet HTML 31Page - Texas Instruments PCM5310PAPR Datasheet HTML 32Page - Texas Instruments PCM5310PAPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 103 page
background image
0.5V
DD
0.5V
DD
LRCKx
(Output)
BCKx
(Output)
0.5V
DD
1.4V
t
BCH
t
DOD
DATAx
(1)
(OutputMode)
DATAx
(InputMode)
t
BCL
t
BCY
t
LRD
t
DIS
t
DIH
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
(1)
Load capacitance of output is 20 pF.
Figure 36. Audio Interface Timing (Master Mode)
Table 13. Timing Requirements for Figure 36
PARAMETER
MIN
TYP
MAX
UNIT
tBCY
BCKx cycle time
1/(64 fS)
tBCH
BCKx pulse width high
0.4 tBCY
0.5 tBCY
0.6 tBCY
tBCL
BCKx pulse width low
0.4 tBCY
0.5 tBCY
0.6 tBCY
tLRD
LRCKx delay time from BCKx falling edge
–15
20
ns
tDIS
DATAx setup time to BCKx rising edge
10
ns
tDIH
DATAx hold time to BCKx rising edge
10
ns
tDOD
DATAx delay time from BCKx falling edge
–10
20
ns
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com