Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 55 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 51Page - Texas Instruments PCM5310PAPR Datasheet HTML 52Page - Texas Instruments PCM5310PAPR Datasheet HTML 53Page - Texas Instruments PCM5310PAPR Datasheet HTML 54Page - Texas Instruments PCM5310PAPR Datasheet HTML 55Page - Texas Instruments PCM5310PAPR Datasheet HTML 56Page - Texas Instruments PCM5310PAPR Datasheet HTML 57Page - Texas Instruments PCM5310PAPR Datasheet HTML 58Page - Texas Instruments PCM5310PAPR Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 103 page
background image
Registers 35-39 (23h-27h)
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
35
23h
Read internal flag
RSV
RD12FS[2:0]
RHMR RHML
RSV
RHPI
36
24h
Read internal flag
RSV
RD34FS[2:0]
RDM4
RDM3
RDM2
RDM1
37
25h
Read internal flag
RSV
RA12FS[2:0]
RAM4
RAM3
RAM2
RAM1
38
26h
Read internal flag
RSV
RA34FS[2:0]
RDZ4
RDZ3
RDZ2
RDZ1
39
27h
Read internal flag
CGLD
RSV
RHZR
RHZL
RAZ4
RAZ3
RAZ2
RAZ1
RD12FS[2:0]: Read System Clock fS Rate Detection Status for DAC12
RD34FS[2:0]: Read System Clock fS Rate Detection Status for DAC34
RA12FS[2:0]: Read System Clock fS Rate Detection Status for ADC12
RA34FS[2:0]: Read System Clock fS Rate Detection Status for ADC34
The PCM5310 includes automatic clock rate detection, which provides a divided clock to the ADC and DAC
channels. The result of the detected clock rate can be read through the I2C port.
Default value: 111
000
Reserved
001
128 fS (default)
010
192 fS
011
256 fS
100
384 fS
101
512 fS
110
768 fS
111
Reserved (default)
RHMR: Read Mute Status for Headphone Output R-Channel
RHML: Read Mute Status for Headphone Output L-Channel
These bits are used to read the mute status of the headphone output. The results can be read through the I2C
port.
Default value: 0
0
Mute disabled (default)
1
Mute enabled
RHPI: Read Headphone Insertion Detection Status for Headphone Output
This bit is used to read the headphone output insertion detection status through the I2C port. Headphone
insertion is set by Register 09 to Register 11 (GSL1[4:0], GSL2[4:0], GSL3[4:0]) with the GPIO port.
Default value: 0
0
Headphone not inserted (default)
1
Headphone inserted
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com