Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 87 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 83Page - Texas Instruments PCM5310PAPR Datasheet HTML 84Page - Texas Instruments PCM5310PAPR Datasheet HTML 85Page - Texas Instruments PCM5310PAPR Datasheet HTML 86Page - Texas Instruments PCM5310PAPR Datasheet HTML 87Page - Texas Instruments PCM5310PAPR Datasheet HTML 88Page - Texas Instruments PCM5310PAPR Datasheet HTML 89Page - Texas Instruments PCM5310PAPR Datasheet HTML 90Page - Texas Instruments PCM5310PAPR Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 103 page
background image
Register 111 (6Fh)
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
111
6Fh
DATA selection of DAC12 and DAC34
D34DT[3:0]
D12DT[3:0]
D34DT[3:0] DATA Selection of DAC34 (MUX_DA34)
These bits are used for routing DATA from each audio interface port to DAC34, or routing DATA from ADCs to
each audio interface port in master mode. Refer to Figure 33 for more details.
Default value: 0100
0000
Select DATA from PORT-1
0001
Select DATA from PORT-2
0010
Select DATA from PORT-3
0011
Select DATA from PORT-4
0100
Select DATA from PORT-5 (default)
0101
Select DATA from PORT-6
0110
Select DATA from GPIO1
0111
Select DATA from GPIO2
1000
Select DATA from ADC12
1001
Select DATA from ADC34
Others
Reserved
D12DT[3:0] DATA Selection of DAC12 (MUX_DA12)
These bits are used for routing DATA from each audio interface port to DAC12, or routing DATA from ADCs to
each audio interface port in master mode. Refer to Figure 33 for more details.
Default value: 0011
0000
Select DATA from PORT-1
0001
Select DATA from PORT-2
0010
Select DATA from PORT-3
0011
Select DATA from PORT-4 (default)
0100
Select DATA from PORT-5
0101
Select DATA from PORT-6
0110
Select DATA from GPIO1
0111
Select DATA from GPIO2
1000
Select DATA from ADC12
1001
Select DATA from ADC34
Others
Reserved
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
87
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com