Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 21Page - Texas Instruments PCM5310PAPR Datasheet HTML 22Page - Texas Instruments PCM5310PAPR Datasheet HTML 23Page - Texas Instruments PCM5310PAPR Datasheet HTML 24Page - Texas Instruments PCM5310PAPR Datasheet HTML 25Page - Texas Instruments PCM5310PAPR Datasheet HTML 26Page - Texas Instruments PCM5310PAPR Datasheet HTML 27Page - Texas Instruments PCM5310PAPR Datasheet HTML 28Page - Texas Instruments PCM5310PAPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 103 page
background image
AUDIO SERIAL INTERFACE
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
The PCM5310 has six audio interface ports: SCKx, BCKx, LRCKx, and DATAx (bidirectional). Each port or signal
can be connected to any ADC or DAC. If an audio system application wants to bypass an audio signal, the
PCM5310 can bypass from any port to any port. Refer to Figure 33 for a diagram of the of the audio inteface port
and mux. See Figure 47 to Figure 52 for detailed diagrams of PORT-1 to PORT-6.
The audio interface consists of LRCKs, BCKs, and DATAs. The sampling rate (fS), left channel and right channel
data are present on the LRCKs. The DATAs receive the serial audio data from the interpolation filter for the DAC,
and the DATAs transmit the serial data to the decimation filter. The BCKs are used to receive and transmit the
serial audio data on the DATAs by high-to-low transition. The BCKs and LRCKs should be synchronized with the
system clocks, SCKs. The PCM5310 operates with the LRCKs/BCKs synchronized with the SCKs; however, the
PCM5310 does not need a specific phase between the BCKs/LRCKs and the SCKs. Each audio interface port
can select either the master or slave mode, and generate the LRCKs and BCKs from the SCKs in master mode.
The descriptions for the audio serial interface registers are shown in Table 6.
Table 10. Audio Serial Interface Registers
REGISTER DESCRIPTION
REGISTER NUMBER
REGISTER BITS
Master or slave with fS detection for DAC12
44
DMS12[3:0]
Audio interface format for DAC12
44
DFM12[1:0]
Master or slave with fS detection for DAC34
54
DMS34[3:0]
Audio interface format for DAC34
54
DFM34[1:0]
Master or slave with fS detection for ADC12
84
AMS12[3:0]
Audio interface format for ADC12
84
AFM12[1:0]
Master or slave with fS detection for ADC34
94
AMS34[3:0]
Audio interface format for ADC34
94
AFM34[1:0]
LRCK/BCK selection of PORT-1 and PORT-2
101
LBS2[3:0], LBS1[3:0]
DATA selection of PORT-1 and PORT-2
102
DTS2[3:0], DTS1[3:0]
SCK selection of PORT-1 and PORT-2
103
SCS2[2:0], SCS1[2:0]
LRCK/BCK selection of PORT-3 and PORT-4
104
LBS4[3:0], LBS3[3:0]
DATA selection of PORT-3 and PORT-4
105
DTS4[3:0], DTS3[3:0]
SCK selection of PORT-3 and PORT-4
106
SCS4[2:0], SCS3[2:0]
LRCK/BCK selection of PORT-5 and PORT-6
107
LBS6[3:0], LBS5[3:0]
DATA selection of PORT-5 and PORT-6
108
DTS6[3:0], DTS5[3:0]
SCK selection of PORT-5 and PORT-6
109
SCS6[2:0], SCS5[2:0]
LRCK/BCK selection of DAC12 and DAC34
110
D34LB[3:0], D12LB[3:0]
DATA selection of DAC12 and DAC34
111
D34DT[3:0], D12DT[3:0]
SCK selection of DAC12 and DAC34
112
D34S[2:0], D12S[2:0]
LRCK/BCK selection of ADC12 and ADC34
116
A34LB[3:0], A12LB[3:0]
SCK selection of ADC12 and ADC34
117
A34SC[2:0], A12SC[2:0]
GPIO-1 and GPIO-2 audio data selection
118
GP2S[3:0], GP1S[3:0]
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com