Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 4 Page - Texas Instruments

  PCM5310PAPR Datasheet HTML 1Page - Texas Instruments PCM5310PAPR Datasheet HTML 2Page - Texas Instruments PCM5310PAPR Datasheet HTML 3Page - Texas Instruments PCM5310PAPR Datasheet HTML 4Page - Texas Instruments PCM5310PAPR Datasheet HTML 5Page - Texas Instruments PCM5310PAPR Datasheet HTML 6Page - Texas Instruments PCM5310PAPR Datasheet HTML 7Page - Texas Instruments PCM5310PAPR Datasheet HTML 8Page - Texas Instruments PCM5310PAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 103 page
background image
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VDD = VCCAD = VCCDA = VCCP = 3.3 V, VCCH = 9 V, fS = 48 kHz, system clock = 256 fS, and
24-bit data, unless otherwise noted.
PCM5310
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC HEADPHONE OUTPUT
Dynamic Performance
Full-scale output voltage
Digital input = 0 dB, VOL = 0dB
1
VRMS
Dynamic range
EIAJ, A-weighted
85
96
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
85
96
dB
Channel separation
RL = 32 Ω
88
dB
RL = 32 Ω, VOL = 0 dB
0.1
0.18
%
THD+N
Total harmonic distortion + noise
RL = 16 Ω, VOL = 0 dB
1
3
%
Load resistance
16
Ω
DC Accuracy
Gain error
Digital input = 0 dB, VOL = 0dB
±3
±13
% of FSR
Gain mismatch,
±3
±13
% of FSR
channel-to-channel
Bipolar zero error
Zero data input
±27
±80
mV
Center voltage
Zero data input
0.5 VCCDA
V
Analog Volume
Gain range
–70
12
dB
Gain error
0.5
dB
Gain step
1.0
dB
ADC LINE INPUT
Dynamic Performance
Full-scale input voltage
Digital input = 0 dB, VOL = 0dB
2
VRMS
Dynamic range
EIAJ, A-weighted
85
95
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
85
95
dB
Channel separation
93
dB
Analog input = –1 dB, VOL =
THD+N
Total harmonic distortion + noise
0.01
0.018
%
0dB
DC Accuracy
Gain error
Analog input = 0 dB, VOL = 0dB
±3
±13
% of FSR
Gain mismatch,
±3
±13
% of FSR
channel-to-channel
Bipolar zero error
Zero data input
±17
±50
mV
Center voltage
Zero data input
0.5 VCCAD
V
Analog Input
Input impedance
37.6
47
56.4
k
Ω
Analog Gain Control
Gain range
9, 6, 3, 0
dB
Gain error
±0.5
dB
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com