Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 81 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 77Page - Texas Instruments PCM5310PAPR Datasheet HTML 78Page - Texas Instruments PCM5310PAPR Datasheet HTML 79Page - Texas Instruments PCM5310PAPR Datasheet HTML 80Page - Texas Instruments PCM5310PAPR Datasheet HTML 81Page - Texas Instruments PCM5310PAPR Datasheet HTML 82Page - Texas Instruments PCM5310PAPR Datasheet HTML 83Page - Texas Instruments PCM5310PAPR Datasheet HTML 84Page - Texas Instruments PCM5310PAPR Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 103 page
background image
Register 106 (6Ah)
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
106
6Ah
SCK selection of PORT-3 and PORT-4
RSV
SCS4[3:0]
RSV
SCS3[3:0]
SCS4[3:0]: SCK Selection of PORT-4 (MUX_P4SC)
These bits are used for routing SCK of PORT-4. Any combination of SCK1 to SCK6 and SCK can be connected
to PORT-4. Refer to Figure 49 for more details.
Default value: 011
000
Output SCK1
001
Output SCK2
010
Output SCK3
011
Input SCK4 (default)
100
Output SCK5
101
Output SCK6
Others
Reserved
SCS3[3:0]: SCK Selection of PORT-3 (MUX_P3SC)
These bits are used for routing SCK of PORT-3. Any combination of SCK1 to SCK6 and SCK can be connected
to PORT-3. Refer to Figure 50 for more details.
Default value: 010
000
Output SCK1
001
Output SCK2
010
Input SCK3 (default)
011
Output SCK4
100
Output SCK5
101
Output SCK6
Others
Reserved
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
81
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com