Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 27Page - Texas Instruments PCM5310PAPR Datasheet HTML 28Page - Texas Instruments PCM5310PAPR Datasheet HTML 29Page - Texas Instruments PCM5310PAPR Datasheet HTML 30Page - Texas Instruments PCM5310PAPR Datasheet HTML 31Page - Texas Instruments PCM5310PAPR Datasheet HTML 32Page - Texas Instruments PCM5310PAPR Datasheet HTML 33Page - Texas Instruments PCM5310PAPR Datasheet HTML 34Page - Texas Instruments PCM5310PAPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 103 page
background image
DAC AND FILTER
DAC-1L
Interpolation
Filter
DEM
DAC-1R
Interpolation
Filter
DEM
DAC-2L
Interpolation
Filter
DEM
DAC-2R
Interpolation
Filter
ATT
MUTE
GAIN
DEM
ATT
MUTE
GAIN
ATT
MUTE
GAIN
ATT
MUTE
GAIN
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
The digital-to-analog converter (DAC) and digital filter include a delta-sigma modulator, interpolation filter,
de-emphasis filter (DEM), digital gain control, digital attenuation control, digital soft mute, and digital gain boost,
as shown in Figure 38. The digital gain or attenuation control can be adjusted from 20 dB to –100 dB in 0.5-dB
steps. To play back low-volume recorded audio data, the digital gain can be used with a boost of either 6 dB,
12 dB, or 18 dB selected through the I2C interface. The descriptions for the DAC and filter registers are shown in
Table 14.
Figure 38. DACs and Filters
Table 15. DAC and Filter Registers
REGISTER DESCRIPTION
REGISTER NUMBER
REGISTER BITS
Digital attenuation and gain update control for DAC12
40
D12E, DUC2, DUC1, DZ12
Digital soft mute and boost setting for DAC12
41
DMU2, DMU1, DB12[1:0]
Digital attenuation and gain level setting for DAC12
42, 43
DAT2[7:0], DAT1[7:0]
De-emphasis filter setting for DAC12
45
DM12, DF12[1:0]
Digital attenuation and gain update control for DAC34
50
D34E, DUC4, DUC3, DZ34
Digital soft mute setting for DAC34
51
DMU4, DMU3
Digital attenuation and gain level setting for DAC34
52, 53
DAT4[7:0], DAT3[7:0]
De-emphasis filter setting for DAC34
55
DM34, DF34[1:0]
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com