Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 56 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 52Page - Texas Instruments PCM5310PAPR Datasheet HTML 53Page - Texas Instruments PCM5310PAPR Datasheet HTML 54Page - Texas Instruments PCM5310PAPR Datasheet HTML 55Page - Texas Instruments PCM5310PAPR Datasheet HTML 56Page - Texas Instruments PCM5310PAPR Datasheet HTML 57Page - Texas Instruments PCM5310PAPR Datasheet HTML 58Page - Texas Instruments PCM5310PAPR Datasheet HTML 59Page - Texas Instruments PCM5310PAPR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 103 page
background image
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
RDM4: Read Digital Mute Status for DAC34, R-Channel
RDM3: Read Digital Mute Status for DAC34, L-Channel
RDM2: Read Digital Mute Status for DAC12, R-Channel
RDM1: Read Digital Mute Status for DAC12, L-Channel
These bits are used to read the digital soft mute status for each DAC channel through the I2C port.
Default value: 1
0
Mute disabled
1
Mute enabled (default)
RAM4: Read Digital Mute Status for ADC34, R-Channel
RAM3: Read Digital Mute Status for ADC34, L-Channel
RAM2: Read Digital Mute Status for ADC12, R-Channel
RAM1: Read Digital Mute Status for ADC12, L-Channel
These bits are used to read the digital soft mute status for each ADC channel through the I2C port.
Default value: 1
0
Mute disabled
1
Mute enabled (default)
RRHZR: Read Volume Zero Cross Time Out Status for Headphone, R-Channel
RHZL: Read Volume Zero Cross Time Out Status for Headphone, L-Channel
RDZ4: Read Digital Attenuation/Mute Zero Cross Timeout Status for DAC34, R-Channel
RDZ3: Read Digital Attenuation/Mute Zero Cross Timeout Status for DAC34, L-Channel
RDZ2: Read Digital Attenuation/Mute Zero Cross Timeout Status for DAC12, R-Channel
RDZ1: Read Digital Attenuation/Mute Zero Cross Timeout Status for DAC12, L-Channel
RAZ4: Read Digital Attenuation/Mute Zero Cross Timeout Status for ADC34, R-Channel
RAZ3: Read Digital Attenuation/Mute Zero Cross Timeout Status for ADC34, L-Channel
RAZ2: Read Digital Attenuation/Mute Zero Cross Timeout Status for ADC12, R-Channel
RAZ1: Read Digital Attenuation/Mute Zero Cross Timeout Status for ADC12, L-Channel
These bits are used to read the zero-crossing timeout status of digital soft mute and digital attenuation for each
ADCs and DACs channel and for headphone output volume through the I2C port.
Default value: 0
0
not timed out (default)
1
Timed out
CGLD: Glitch Reduction Disable when Changing Clock Source
This bit disables the glitch reduction circuit, which reduces audible pop noise when changing the clock input from
any SCKx to SCKx.
Default value: 0
0
Enabled (default)
1
Disabled
56
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com