Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 61 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 57Page - Texas Instruments PCM5310PAPR Datasheet HTML 58Page - Texas Instruments PCM5310PAPR Datasheet HTML 59Page - Texas Instruments PCM5310PAPR Datasheet HTML 60Page - Texas Instruments PCM5310PAPR Datasheet HTML 61Page - Texas Instruments PCM5310PAPR Datasheet HTML 62Page - Texas Instruments PCM5310PAPR Datasheet HTML 63Page - Texas Instruments PCM5310PAPR Datasheet HTML 64Page - Texas Instruments PCM5310PAPR Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 103 page
background image
Registers 50 and 51 (32h and 33h)
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
ZR12: Zero Flag Reverse
This bit reverses the polarity of the zero flag output. The zero flag goes from low to high after the digital input
data are continuously zero during 1024 fS when ZR12 = '0'. The zero flag can output from the GPIO pins by
setting Registers 9 to 11 (GSL1[4:0], GSL2[4:0], GSL3[4:0]).
Default value: 0
0
Buffered output (default)
1
Inverted output
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
50
32h
Digital attenuation and mute control for DAC34
D34E
RSV
DUC4
DUC3
RSV
RSV
RSV
DZ34
51
33h
Digital gain boost and digital soft mute for DAC34
RSV
RSV
RSV
RSV
DB34[1:0]
DMU4
DMU3
D34E: Digital Attenuation and Mute Update Control Enable for DAC34
DUC4: Digital Attenuation and Mute Setting Update for DAC34, R-Channel
DUC3: Digital Attenuation and Mute Setting Update for DAC34, L-Channel
The digital attenuation and mute levels of DAC34 can be changed independently to any level by setting bits
DMU4 and DMU3 in Register 51, bits DAT3[7:0] in Register 52, and bits DAT4[7:0] in Register 53 when D34E =
'0'. When D34E = '1', the level is changed to any level at the same time when DUC4 = '1' or DUC3 = '1'. Both bits
are automatically set to '0' after they are set to '1'. DUC4 and DUC3 must be set to '1' for every volume level
setting while D34E = '1'.
Default value of D34E: 1. Default value of DUC4 and DUC3: 0
D34E = 0
Digital attenuation and mute update control disabled
D34E = 1
Digital attenuation and mute update control enabled (default)
DUC4, DUC3 = 0
No update level (default)
DUC4, DUC3 = 1
Update level (set to '0' automatically after setting to '1')
DZ34: Digital Attenuation and Mute Zero Cross Enable for DAC34
This bit enables zero-crossing detection, which reduces zipper noise while the DAC digital attenuator and mute
settings are being changed. If no zero-crossing data are input for a 512/fS period (10.6 ms at a 48-kHz sampling
rate), then a timeout occurs and the PCM5310 volume level changes. Zero-crossing detection cannot be used
with continuous zero and dc data.
Default value: 1
0
Disable
1
Enable (default)
DB34[1:0]: Digital Gain Boost for DAC34
These bits are used to boost the gain of digital data input to the DACs in front of the digital attenuator.
Default value: 00
00
0 dB (default)
01
6 dB
10
12 dB
11
18 dB
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
61
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com