Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 48 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 44Page - Texas Instruments PCM5310PAPR Datasheet HTML 45Page - Texas Instruments PCM5310PAPR Datasheet HTML 46Page - Texas Instruments PCM5310PAPR Datasheet HTML 47Page - Texas Instruments PCM5310PAPR Datasheet HTML 48Page - Texas Instruments PCM5310PAPR Datasheet HTML 49Page - Texas Instruments PCM5310PAPR Datasheet HTML 50Page - Texas Instruments PCM5310PAPR Datasheet HTML 51Page - Texas Instruments PCM5310PAPR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 103 page
background image
Register 19 (13h)
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
19
13h
Mute control linked to the AMUTE pin
MD12
MD34
MHPR
MHPL
ML2R
ML2L
ML1R
ML1L
MD12: Mute Enable/Disable Linked to the AMUTE Pin for Digital Input (DAC12)
MD34: Mute Enable/Disable Linked to the AMUTE Pin for Digital Input (DAC34)
The PCM5310 has a mute control pin (AMUTE, 59 pin). When AMUTE = '1' and MD12 = '1' or MD34 = '1', the
digital soft mute of digital input data is enabled. When AMUTE = '0', mute is disabled.
Default value: 0
0
Mute disabled if the AMUTE pin is at a high or lo2w level (default)
1
Mute enabled if the AMUTE pin is at a high level
MHPR: Mute Enable/Disable Linked AMUTE Pin for Headphone Output, R-Channel
MHPL: Mute Enable/Disable Linked AMUTE Pin for Headphone Output, L-Channel
The PCM5310 has a mute control pin (AMUTE, 59 pin). When AMUTE = '1' and MHPR = '1' or MHPL = '1', the
analog mute for headphone outputs HPOL and HPOR is enabled. When AMUTE = '0', mute is disabled.
Default value: 1
0
Mute disabled if the AMUTE pin is at a high or low level
1
Mute enabled if the AMUTE pin is at a high level (default)
ML1R: Mute Enable/Disable Linked AMUTE Pin for Line Output 1, R-Channel
ML1L: Mute Enable/Disable Linked AMUTE Pin for Line Output 1, L-Channel
The PCM5310 has a mute control pin (AMUTE, 59 pin). When AMUTE = '1' and ML1R = '1' or ML1L = '1', the
analog mute for line outputs LO1L and LO1R are enabled. When AMUTE = '0', mute is disabled.
Default value: 1
0
Mute disabled if AMUTE pin is high or low level
1
Mute enabled if AMUTE pin is high level (default)
MML2R: Mute Enable/Disable Linked AMUTE Pin for Line Output 2, R-Channel
MML2L: Mute Enable/Disable Linked AMUTE Pin for Line Output 2, L-Channel
The PCM5310 has a mute control pin (AMUTE, 59 pin). When AMUTE = '1' and ML2R = '1' or ML2L = '1', the
analog mute for line outputs LO2L and LO2R are enabled. When AMUTE = '0', mute is disabled.
Default value: 1
0
Mute disabled if AMUTE pin is high or low level
1
Mute enabled if AMUTE pin is high level (default)
48
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com