Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 95 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 91Page - Texas Instruments PCM5310PAPR Datasheet HTML 92Page - Texas Instruments PCM5310PAPR Datasheet HTML 93Page - Texas Instruments PCM5310PAPR Datasheet HTML 94Page - Texas Instruments PCM5310PAPR Datasheet HTML 95Page - Texas Instruments PCM5310PAPR Datasheet HTML 96Page - Texas Instruments PCM5310PAPR Datasheet HTML 97Page - Texas Instruments PCM5310PAPR Datasheet HTML 98Page - Texas Instruments PCM5310PAPR Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 103 page
background image
BOARD DESIGN AND LAYOUT CONSIDERATIONS
POWER-SUPPLY PINS
ANALOG INPUT PINS
LINE OUTPUT PINS
HEADPHONE OUTPUT PINS
COMMON VOLTAGE PINS
REFERENCE VOLTAGE PINS
DIGITAL OUTPUT PINS
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
The digital and analog power supplies (VCC, VCCDA, VCCAD, VCCP, and VCCH) to the PCM5310 should be
bypassed to the corresponding ground pins with a 1-
µF to 4.7-µF electrolytic or ceramic capacitor, placed as
close to the pins as possible to maximize the dynamic performance of ADC, DAC, and other analog circuits. If
the power supply includes high-frequency noise, it is recommended to add a 0.1
µF ceramic capacitor as close
as possible to the power-supply lines to improve the dynamic performance.
To maximize the dynamic performance of the ADC, DAC, and other analog circuits, the analog and ground pins
(DGND, AGNDDA, AGNDAD, PGND, HGND and AGNDS) are not connected internally. These grounds should
have a low impedance to avoid digital noise feeding to the analog ground. Therefore, they should be connected
directly to each other under the device to reduce the potential of a noise problem.
All analog input pins (AIN1L/AIN1R to AIN6L/AIN6R) are single-ended inputs with an analog multiplexer.
Antialiasing low-pass filters are included on the these inputs to remove the out-of-band nose from the audio. If
the performance of these filters is not sufficient for a given application, appropriate external antialiasing filters are
required. The passive RC filter (see Figure 54) is used in general. Any pins that are not used in a given
application should be left open or connected to ground with a small, 0.1-
µF ceramic capacitor.
All line output pins (LO1L, LO1R, LO2L and LO2R) are single-ended outputs with a 2-VRMS driver. An amplifier
with a low-pass filter is not required as in a conventional DAC; however, the delta-sigma modulator generates
out-of-band noise. The passive RC filter (see Figure 55) is used to remove this noise in general. If any line output
pins are not used within a given application, they should be left open.
The headphone output pins (HPOL and HPOR) are single-ended outputs with more than 30-mW output power
into either a 16-
Ω or 32-Ω load. If the headphone output pins are not used within a given application, they should
be left open. Adding a small resistor to these outputs is recommended (see Figure 56). in order to protect the
application and device from short-circuiting.
A 1
µF ceramic capacitor should be connected between the common voltage pins (VCOMAD and VCOMDA) for
the analog circuit and ground to ensure low source impedance of the ADC and DAC common voltages. This
capacitor should be located as close as possible to these pins.
A 1-
µF ceramic capacitor should be connected between the VREFAD1 pin and ground to ensure low source
impedance of ADC reference voltage. This capacitor should be located as close as possible to these pins.
VREFAD2 pin should be connected to directly ground.
The audio interface pins (LRCKx, BCKx, SCKx), clock pins (SCKx) and general-purpose input/output (GPIOx)
pins change from input mode to output mode through register settings. In output mode, these pins have
adequate load drive capability (see the Electrical Characteristics); however, if the signal lines are long, placing a
buffer near the PCM5310 and minimizing the load capacitor is recommended in order to optimize crosstalk
between the digital and analog circuits, maximize the dynamic performance of the ADC and DAC, and reduce
overall power consumption. The digital output pins should be open if they are not used in a given application.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
95
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com