Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 59 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 55Page - Texas Instruments PCM5310PAPR Datasheet HTML 56Page - Texas Instruments PCM5310PAPR Datasheet HTML 57Page - Texas Instruments PCM5310PAPR Datasheet HTML 58Page - Texas Instruments PCM5310PAPR Datasheet HTML 59Page - Texas Instruments PCM5310PAPR Datasheet HTML 60Page - Texas Instruments PCM5310PAPR Datasheet HTML 61Page - Texas Instruments PCM5310PAPR Datasheet HTML 62Page - Texas Instruments PCM5310PAPR Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 103 page
background image
Registers 44 and 45 (2Ch and 2Dh)
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
Table 33. Digital Attenuation Level Setting for DAC12 (continued)
DIGITAL ATT
DIGITAL ATT
DIGITAL ATT
DIGITAL ATT
DAT1[7:0]
LEVEL
DAT1[7:0]
LEVEL
DAT1[7:0]
LEVEL
DAT1[7:0]
LEVEL
DAT2[7:0]
SETTING
DAT2[7:0]
SETTING
DAT2[7:0]
SETTING
DAT2[7:0]
SETTING
1101 1110
DE
–16.5 dB
1010 1011
AB
–42 dB
0111 1000
78
–67.5 dB
0100 0101
45
–93 dB
1101 1101
DD
–17 dB
1010 1010
AA
–42.5 dB
0111 0111
77
–68 dB
0100 0100
44
–93.5 dB
1101 1100
DC
–17.5 dB
1010 1001
A9
–43 dB
0111 0110
76
–68.5 dB
0100 0011
43
–94 dB
1101 1011
DB
–18 dB
1010 1000
A8
–43.5 dB
0111 0101
75
–69 dB
0100 0010
42
–94.5 dB
1101 1010
DA
–18.5 dB
1010 0111
A7
–44 dB
0111 0100
74
–69.5 dB
0100 0001
41
–95 dB
1101 1001
D9
–19 dB
1010 0110
A6
–44.5 dB
0111 0011
73
–70 dB
0100 0000
40
–95.5 dB
1101 1000
D8
–19.5 dB
1010 0101
A5
–45 dB
0111 0010
72
–70.5 dB
0011 1111
3F
–96 dB
1101 0111
D7
–20 dB
1010 0100
A4
–45.5 dB
0111 0001
71
–71 dB
0011 1110
3E
–96.5 dB
1101 0110
D6
–20.5 dB
1010 0011
A3
–46 dB
0111 0000
70
–71.5 dB
0011 1101
3D
–97 dB
1101 0101
D5
–21 dB
1010 0010
A2
–46.5 dB
0110 1111
6F
–72 dB
0011 1100
3C
–97.5 dB
1101 0100
D4
–21.5 dB
1010 0001
A1
–47 dB
0110 1110
6E
–72.5 dB
0011 1011
3B
–98 dB
1101 0011
D3
–22 dB
1010 0000
A0
–47.5 dB
0110 1101
6D
–73 dB
0011 1010
3A
–98.5 dB
1101 0010
D2
–22.5 dB
1001 1111
9F
–48 dB
0110 1100
6C
–73.5 dB
0011 1001
39
–99 dB
1101 0001
D1
–23 dB
1001 1110
9E
–48.5 dB
0110 1011
6B
–74 dB
0011 1000
38
–99.5 dB
1101 0000
D0
–23.5 dB
1001 1101
9D
–49 dB
0110 1010
6A
–74.5 dB
0011 0111
37
–100 dB
1100 1111
CF
–24 dB
1001 1100
9C
–49.5 dB
0110 1001
69
–75 dB
0011 0110
36
1100 1110
CE
–24.5 dB
1001 1011
9B
–50 dB
0110 1000
68
–75.5 dB
⋮
⋮
Mute
0000 0000
00
1100 1101
CD
–25 dB
1001 1010
9A
–50.5 dB
0110 0111
67
–76 dB
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
44
2Ch
Master/slave interface format for DAC12
DMS12[3:0]
RSV
RSV
DFM12[1:0]
45
2Dh
De-emphasis filter control for DAC12
RSV
RSV
RSV
RSV
DM12
RSV
DF12[1:0]
DMS12[3:0]: Master/Slave Audio Interface Setting for DAC12
These bits set the master or slave mode. DAC12 receives LRCK and BCK from PORT-1, PORT-2, PORT-3,
PORT-4, PORT-5 or PORT-6 in slave mode, and generates LRCK and BCK from SCK in master mode.
Default value: 1000
MASTER/SLAVE AUDIO INTERFACE SETTING FOR
MASTER/SLAVE AUDIO INTERFACE SETTING FOR
DMS12[3:0]
DAC12
DMS12[3:0]
DAC12
0000
Reserved
1000
Slave and system clock fS auto-detect mode (default)
0001
Master and system clock 768 fS
1001
Slave and system clock 768 fS
0010
Master and system clock 512 fS
1010
Slave and system clock 512 fS
0011
Master and system clock 384 fS
1011
Slave and system clock 384 fS
0100
Master and system clock 256 fS
1100
Slave and system clock 256 fS
0101
Master and system clock 192 fS
1101
Slave and system clock 192 fS
0110
Master and system clock 128 fS
1110
Slave and system clock 128 fS
0111
Reserved
1111
Reserved
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com