Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 42 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 38Page - Texas Instruments PCM5310PAPR Datasheet HTML 39Page - Texas Instruments PCM5310PAPR Datasheet HTML 40Page - Texas Instruments PCM5310PAPR Datasheet HTML 41Page - Texas Instruments PCM5310PAPR Datasheet HTML 42Page - Texas Instruments PCM5310PAPR Datasheet HTML 43Page - Texas Instruments PCM5310PAPR Datasheet HTML 44Page - Texas Instruments PCM5310PAPR Datasheet HTML 45Page - Texas Instruments PCM5310PAPR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 103 page
background image
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
Table 30. Mode Control Register Map (continued)
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
50
32h
Digital attenuation and mute control for DAC34
D34E
RSV
DUC4
DUC3
RSV
RSV
RSV
DZ34
51
33h
Digital gain boost and digital soft mute for DAC34
RSV
RSV
RSV
RSV
DB34[1:0]
DMU4
DMU3
52
34h
Digital attenuation level setting for DAC34 L-channel
DAT3[7:0]
53
35h
Digital attenuation level setting for DAC34 R-channel
DAT4[7:0]
54
36h
Master/slave interface format for DAC34
DMS34[3:0]
RSV
RSV
DFM34[1:0]
55
37h
De-emphasis filter control for DAC34
RSV
RSV
RSV
RSV
DM34
RSV
DF34[1:0]
56
38h
Power up/down, oversampling rate control for DAC34
PD34
RSV
OV34[1:0]
ZR34
RSV
RSV
RSV
80
50h
Digital attenuation and mute control for ADC12
A12E
RSV
AUC2
AUC1
RSV
RSV
RSV
AZ12
81
51h
Digital soft mute for ADC12
RSV
FS12
RSV
RSV
RSV
RSV
AMU2
AMU1
82
52h
Digital attenuation level setting for ADC12 L-channel
AAT1[7:0]
83
53h
Digital attenuation level setting for ADC12 R-channel
AAT2[7:0]
84
54h
Master/slave interface format for ADC12
AMS12[3:0]
HF12
RSV
AFM12[1:0]
85
55h
Power up/down for ADC12
PA12
RSV
RSV
RSV
RSV
RSV
RSV
RSV
90
5Ah
Digital attenuation and mute control for ADC34
A34E
RSV
AUC4
AUC3
RSV
RSV
RSV
AZ34
91
5Bh
Digital soft mute for ADC34
RSV
FS34
RSV
RSV
RSV
RSV
AMU4
AMU3
92
5Ch
Digital attenuation level setting for ADC34 L-channel
AAT3[7:0]
93
5Dh
Digital attenuation level setting for ADC34 R-channel
AAT4[7:0]
94
5Eh
Master/slave, interface format for ADC34
AMS34[3:0]
HF34
RSV
AFM34[1:0]
95
5Fh
Power up/down for ADC34
PA34
RSV
RSV
RSV
RSV
RSV
RSV
RSV
101
65h
LRCK/BCK selection of PORT-1 and PORT-2
LBS2[3:0]
LBS1[3:0]
102
66h
DATA selection of PORT-1 and PORT-2
DTS2[3:0]
DTS1[3:0]
103
67h
SCK selection of PORT-1 and PORT-2
RSV
SCS2[2:0]
RSV
SCS1[2:0]
104
68h
LRCK/BCK selection of PORT-3 and PORT-4
LBS4[3:0]
LBS3[3:0]
105
69h
DATA selection of PORT-3 and PORT-4
DTS4[3:0]
DTS3[3:0]
106
6Ah
SCK selection of PORT-3 and PORT-4
RSV
SCS4[2:0]
RSV
SCS3[2:0]
107
6Bh
LRCK/BCK selection of PORT-5 and PORT-6
LBS6[3:0]
LBS5[3:0]
108
6Ch
DATA selection of PORT-5 and PORT-6
DTS6[3:0]
DTS5[3:0]
109
6Dh
SCK selection of PORT-5 and PORT-6
RSV
SCS6[2:0]
RSV
SCS5[2:0]
110
6Eh
LRCK/BCK selection of DAC12 and DAC34
D34LB[3:0]
D12LB[3:0]
111
6Fh
DATA selection of DAC12 and DAC34
D34DT[3:0]
D12DT[3:0]
112
70h
SCK selection of DAC12 and DAC34
RSV
D34S[2:0]
RSV
D12S[2:0]
113
71h
Not assigned
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
114
72h
Not assigned
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
115
73h
Not assigned
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
116
74h
LRCK/BCK selection of ADC12 and ADC34
A34LB[3:0]
A12LB[3:0]
117
75h
SCK selection of ADC12 and ADC34
RSV
A34SC[2:0]
RSV
A12SC[2:0]
118
76h
GPIO1 and GPIO2 audio data selection
GP2S[3:0]
GP1S[3:0]
42
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com