Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 29Page - Texas Instruments PCM5310PAPR Datasheet HTML 30Page - Texas Instruments PCM5310PAPR Datasheet HTML 31Page - Texas Instruments PCM5310PAPR Datasheet HTML 32Page - Texas Instruments PCM5310PAPR Datasheet HTML 33Page - Texas Instruments PCM5310PAPR Datasheet HTML 34Page - Texas Instruments PCM5310PAPR Datasheet HTML 35Page - Texas Instruments PCM5310PAPR Datasheet HTML 36Page - Texas Instruments PCM5310PAPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 103 page
background image
HEADPHONE SHORT-CIRCUIT PROTECTION
HeadphoneJack
HPOLorHPOR
ProtectionResistor
Headphone
16
or32
W
W
Current
Monitor
Increment
or
Decrement
Counter
Short
orNot
GPIO
Control
Headphone
Amplifier
Enable/Disable
InternalClock
InternalResistor
GPIO1,GPIO2,orGPIO3
Detect/ReleaseTime
4096f :85.2msatf =48kHz
S
S
8192f
S
S
:1704msatf =48kHz
16384f
S
S
:340.8msatf =48kHz
32768f
S
S
:681.6msatf =48kHz
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
The PCM5310 has short-circuit protection for each headphone output. The short-circuit status can be read from
the GPIO pins and the register data can be read through the I2C interface. The short-circuit detection time can be
internally adjusted to avoid the headphone amplifier shutting down when inserting or removing the headphone
jack. The descriptions for the headphone and short-circuit protection registers are shown in Table 19. The
headphone short-circuit protection sequence is shown in Figure 40.
Table 19. Headphone Short-Circuit Protection Registers
REGISTER DESCRIPTION
REGISTER NUMBER
REGISTER BITS
Headphone short-circuit protection enable/disable
13
SRCR, SHCR, SPDR, SRCL, SHCL, SPDL
Headphone short-cicuit protection detect time
14
SDTR[1:0], SDTL[1:0]
Headphone short-circuit protection release time
15
SRTR[1:0], SRTL[1:0]
Headphone short-circuit protection status read
16
SSHR, SSHL
Figure 40. Headphone Short-Circuit Protection Sequence
When the short-circuit protection is enabled, it is recommended to insert a small protection resistor to limit
over-current flow. Table 20 shows the headphone output power with a small resistor.
Table 20. Headphone Amplifier Output Power Load
RL = 32 Ω + PROTECTION RESISTOR
32
Ω + 4 Ω
32
Ω + 8 Ω
32
Ω + 16 Ω
0.1% THD
28 mW
22 mW
16 mW
10% THD
37 mW
31 mW
22 mW
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com