Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 94 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 90Page - Texas Instruments PCM5310PAPR Datasheet HTML 91Page - Texas Instruments PCM5310PAPR Datasheet HTML 92Page - Texas Instruments PCM5310PAPR Datasheet HTML 93Page - Texas Instruments PCM5310PAPR Datasheet HTML 94Page - Texas Instruments PCM5310PAPR Datasheet HTML 95Page - Texas Instruments PCM5310PAPR Datasheet HTML 96Page - Texas Instruments PCM5310PAPR Datasheet HTML 97Page - Texas Instruments PCM5310PAPR Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 103 page
background image
(a) ExternalCircuitforLineOutputwithLow-PassFilter
(b) ExternalCircuitforLineOutputwithLow-PassFilter
R
3
R
1
C
3
FromDAC
C
1
Mute
Circuit
LO1L(13)
R
4
R
2
C
4
FromDAC
C
2
Mute
Circuit
LO1R(14)
f =85kHz
C
R
5
FromDAC
C
5
C
7
Mute
Circuit
LO1L(13)
FromDAC
LO1R(14)
f =85kHz
C
R
7
R
6
C
6
C
8
Mute
Circuit
R
8
FromDAC
C
1
R
1
C
3
Mute
Circuit
HPOL(19)
R
3
FromDAC
C
2
R
2
C
4
Mute
Circuit
HPOR(20)
R
4
FromDAC
C
5
C
7
Mute
Circuit
HPOL(19)
R
5
FromDAC
C
6
C
8
Mute
Circuit
HPOR(20)
R
6
(a) ExternalCircuitwithShort-CircuitprotectionResistor
(b) ExternalCircuitwithoutShort-CircuitProtectionResistor
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
R1, R2, R5, R6: 270 Ω
R3, R4, R7: > 100 kΩ
C1, C2, C5, C6: 1 µF to 47 µF
C3, C4, C7, C8: 6800 pF
Figure 55. External Circuit for the Line Output
R1, R2 : 4 Ω to 16 Ω
R3, R4, R5, R6 : 22 Ω
C1, C2, C5, C6: 47 µF to 220 µF
C3, C4, C7, C8 : 0.022 µF
Figure 56. External Circuit for the Headphone Output
94
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com