Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 269 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 269 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 265Page - Intel Corporation 82G33 Datasheet HTML 266Page - Intel Corporation 82G33 Datasheet HTML 267Page - Intel Corporation 82G33 Datasheet HTML 268Page - Intel Corporation 82G33 Datasheet HTML 269Page - Intel Corporation 82G33 Datasheet HTML 270Page - Intel Corporation 82G33 Datasheet HTML 271Page - Intel Corporation 82G33 Datasheet HTML 272Page - Intel Corporation 82G33 Datasheet HTML 273Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 437 page
background image
Integrated Graphics Device Registers (D2:F0,F1)
(Intel® 82Q35, 82Q33, 82G33 GMCH Only)
Datasheet
269
8.2.3
PCICMD2—PCI Command
B/D/F/Type:
0/2/1/PCI
Address Offset:
04–05h
Default Value:
0000h
Access:
RO, RW
Size:
16 bits
This 16-bit register provides basic control over the IGD's ability to respond to PCI
cycles. The PCICMD Register in the IGD disables the IGD PCI compliant master
accesses to main memory.
Bit
Access &
Default
Description
15:10
RO
0s
Reserved
9
RO
0b
Fast Back-to-Back (FB2B): Not Implemented. Hardwired to 0.
8
RO
0b
SERR Enable (SERRE): Not Implemented. Hardwired to 0.
7
RO
0b
Address/Data Stepping Enable (ADSTEP): Not Implemented.
Hardwired to 0.
6
RO
0b
Parity Error Enable (PERRE): Not Implemented. Hardwired to 0.
Since the IGD belongs to the category of devices that does not corrupt
programs or data in system memory or hard drives, the IGD ignores
any parity error that it detects and continues with normal operation.
5
RO
0b
VGA Palette Snoop Enable (VGASNOOP): This bit is hardwired to 0
to disable snooping.
4
RO
0b
Memory Write and Invalidate Enable (MWIE): Hardwired to 0. The
IGD does not support memory write and invalidate commands.
3
RO
0b
Special Cycle Enable (SCE): This bit is hardwired to 0. The IGD
ignores Special cycles.
2
RW
0b
Bus Master Enable (BME):
0 = Disable IGD bus mastering.
1 = Enable the IGD to function as a PCI compliant master.
1
RW
0b
Memory Access Enable (MAE): This bit controls the IGD's response
to memory space accesses.
0 = Disable.
1 = Enable.
0
RW
0b
I/O Access Enable (IOAE): This bit controls the IGD's response to
I/O space accesses.
0 = Disable.
1 = Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com