Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 267 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 267 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 263Page - Intel Corporation 82G33 Datasheet HTML 264Page - Intel Corporation 82G33 Datasheet HTML 265Page - Intel Corporation 82G33 Datasheet HTML 266Page - Intel Corporation 82G33 Datasheet HTML 267Page - Intel Corporation 82G33 Datasheet HTML 268Page - Intel Corporation 82G33 Datasheet HTML 269Page - Intel Corporation 82G33 Datasheet HTML 270Page - Intel Corporation 82G33 Datasheet HTML 271Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 437 page
background image
Integrated Graphics Device Registers (D2:F0,F1)
(Intel® 82Q35, 82Q33, 82G33 GMCH Only)
Datasheet
267
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
62h
MSAC
Mirror of Dev2 Func0 Multi Size
Aperture Control
02h
RO
C0h
GDRST
Mirror of Dev2 Func0 Graphics Reset
00h
RO
C1–C3h
MI_GFX_CG_
DIS
Mirror of Fun 0 MI GFX Unit Level
Clock Ungating
000000h
RO
C4–C7h
RSVD
Reserved
00000000h
RO
C8h
RSVD
Reserved
00h
RO
CA–CBh
RSVD
Reserved
0000h
RO
CC–CDh
GCDGMBUS
Mirror of Dev2 Func0 Graphics Clock
Frequency Register for GMBUS unit
0000h
RO
D0–D1h
PMCAPID
Mirror of Fun 0 Power Management
Capabilities ID
0001h
RO
D2–D3h
PMCAP
Mirror of Fun 0 Power Management
Capabilities
0022h
RO
D4–D5h
PMCS
Power Management Control/Status
0000h
RO, RW
D8–DBh
RSVD
Reserved
00000000h
RO
E0–E1h
SWSMI
Mirror of Func0 Software SMI
0000h
RO
E4–E7h
ASLE
Mirror of Dev2 Func0 System Display
Event Register
00000000h
RO
F0–F3h
GCFGC
Mirror of Dev2 Func0 Graphics Clock
Frequency and Gating Control
00000000h
RO/P,
RO
F4–F7h
RSVD
Mirror of Fun 0 Reserved for LBB-
Legacy Backlight Brightness
00000000h
RO
FC–FFh
ASLS
ASL Storage
00000000h
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com