Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 265 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 265 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 261Page - Intel Corporation 82G33 Datasheet HTML 262Page - Intel Corporation 82G33 Datasheet HTML 263Page - Intel Corporation 82G33 Datasheet HTML 264Page - Intel Corporation 82G33 Datasheet HTML 265Page - Intel Corporation 82G33 Datasheet HTML 266Page - Intel Corporation 82G33 Datasheet HTML 267Page - Intel Corporation 82G33 Datasheet HTML 268Page - Intel Corporation 82G33 Datasheet HTML 269Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 437 page
background image
Integrated Graphics Device Registers (D2:F0,F1)
(Intel® 82Q35, 82Q33, 82G33 GMCH Only)
Datasheet
265
8.1.33
SWSMI—Software SMI
B/D/F/Type:
0/2/0/PCI
Address Offset:
E0–E1h
Default Value:
0000h
Access:
RW
Size:
16 bits
As long as there is the potential that DVO port legacy drivers exist which expect this
register at this address, D2, F0 address E0h–E1h must be reserved for this register.
Bit
Access &
Default
Description
15:8
RW
00h
Software Scratch Bits (SWSB):
7:1
RW
00h
Software Flag (SWF): Used to indicate caller and SMI function
desired, as well as return result.
0
RW
0b
GMCH Software SMI Event (GSSMIE): When Set this bit will
trigger an SMI. Software must write a "0" to clear this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com