Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 261 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 261 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 257Page - Intel Corporation 82G33 Datasheet HTML 258Page - Intel Corporation 82G33 Datasheet HTML 259Page - Intel Corporation 82G33 Datasheet HTML 260Page - Intel Corporation 82G33 Datasheet HTML 261Page - Intel Corporation 82G33 Datasheet HTML 262Page - Intel Corporation 82G33 Datasheet HTML 263Page - Intel Corporation 82G33 Datasheet HTML 264Page - Intel Corporation 82G33 Datasheet HTML 265Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 437 page
background image
Integrated Graphics Device Registers (D2:F0,F1)
(Intel® 82Q35, 82Q33, 82G33 GMCH Only)
Datasheet
261
8.1.27
MA—Message Address
B/D/F/Type:
0/2/0/PCI
Address Offset:
94–97h
Default Value:
00000000h
Access:
RW, RO
Size:
32 bits
Bit
Access &
Default
Description
31:2
RW
00000000h
Message Address (MESSADD): Used by system software to assign
an MSI address to the device.
The device handles an MSI by writing the padded contents of the MD
register to this address.
1:0
RO
00b
Force DWord Align (FDWORD): Hardwired to 0 so that addresses
assigned by system software are always aligned on a DWord address
boundary.
8.1.28
MD—Message Data
B/D/F/Type:
0/2/0/PCI
Address Offset:
98–99h
Default Value:
0000h
Access:
RW
Size:
16 bits
Bit
Access &
Default
Description
15:0
RW
0000h
Message Data (MESSDATA): Base message data pattern assigned
by system software and used to handle an MSI from the device.
When the device must generate an interrupt request, it writes a 32-bit
value to the memory address specified in the MA register. The upper
16 bits are always set to 0. The lower 16 bits are supplied by this
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com