Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 259 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 259 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 255Page - Intel Corporation 82G33 Datasheet HTML 256Page - Intel Corporation 82G33 Datasheet HTML 257Page - Intel Corporation 82G33 Datasheet HTML 258Page - Intel Corporation 82G33 Datasheet HTML 259Page - Intel Corporation 82G33 Datasheet HTML 260Page - Intel Corporation 82G33 Datasheet HTML 261Page - Intel Corporation 82G33 Datasheet HTML 262Page - Intel Corporation 82G33 Datasheet HTML 263Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 437 page
background image
Integrated Graphics Device Registers (D2:F0,F1)
(Intel® 82Q35, 82Q33, 82G33 GMCH Only)
Datasheet
259
8.1.23
SSRW—Software Scratch Read Write
B/D/F/Type:
0/2/0/PCI
Address Offset:
58–5Bh
Default Value:
00000000h
Access:
RW
Size:
32 bits
Bit
Access &
Default
Description
31:0
RW
00000000h
Reserved
8.1.24
BSM—Base of Stolen Memory
B/D/F/Type:
0/2/0/PCI
Address Offset:
5C–5Fh
Default Value:
07800000h
Access:
RO
Size:
32 bits
Graphics Stolen Memory and TSEG are within DRAM space defined under TOLUD.
From the top of low used DRAM, GMCH claims 1 to 64 MBs of DRAM for internal
graphics if enabled.
The base of stolen memory will always be below 4 GB. This is required to prevent
aliasing between stolen range and the reclaim region.
Bit
Access &
Default
Description
31:20
RO
078h
Base of Stolen Memory (BSM): This register contains bits 31:20 of
the base address of stolen DRAM memory. The host interface
determines the base of Graphics Stolen memory by subtracting the
graphics stolen memory size from TOLUD. See Device 0 TOLUD for
more explanation.
19:0
RO
00000h
Reserved
8.1.25
HSRW—Hardware Scratch Read Write
B/D/F/Type:
0/2/0/PCI
Address Offset:
60–61h
Default Value:
0000h
Access:
RW
Size:
16 bits
Bit
Access &
Default
Description
15:0
RW
0000h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com