Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 258 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 258 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 254Page - Intel Corporation 82G33 Datasheet HTML 255Page - Intel Corporation 82G33 Datasheet HTML 256Page - Intel Corporation 82G33 Datasheet HTML 257Page - Intel Corporation 82G33 Datasheet HTML 258Page - Intel Corporation 82G33 Datasheet HTML 259Page - Intel Corporation 82G33 Datasheet HTML 260Page - Intel Corporation 82G33 Datasheet HTML 261Page - Intel Corporation 82G33 Datasheet HTML 262Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 437 page
background image
Integrated Graphics Device Registers (D2:F0,F1)
(Intel® 82Q35, 82Q33, 82G33 GMCH Only)
258
Datasheet
Bit
Access &
Default
Description
6
RO
1b
EP Function 0 (D3F0EN):
0 = Bus 0, Device 3, Function 0 is disabled and hidden
1 = Bus 0, Device 3, Function 0 is enabled and visible. If this GMCH
does not have ME capability (CAPID0[??] = 1), then Device 3,
Function 0 is disabled and hidden independent of the state of this
bit.
5
RO
0b
Reserved
4
RO
1b
Internal Graphics Engine Function 1 (D2F1EN):
0 = Bus 0, Device 2, Function 1 is disabled and hidden
1 = Bus 0, Device 2, Function 1 is enabled and visible
If Device 2, Function 0 is disabled and hidden, then Device 2, Function
1 is also disabled and hidden independent of the state of this bit.
If this component is not capable of Dual Independent Display
(CAPID0[78] = 1), then this bit is hardwired to 0b to hide Device 2,
Function 1.
3
RO
1b
Internal Graphics Engine Function 0 (D2F0EN):
0 = Bus 0, Device 2, Function 0 is disabled and hidden
1 = Bus 0, Device 2, Function 0 is enabled and visible
If this GMCH does not have internal graphics capability
(CAPID0[46] = 1), then Device 2, Function 0 is disabled and hidden
independent of the state of this bit.
2
RO
0b
Reserved
1
RO
1b
PCI Express Port (D1EN):
0 = Bus 0, Device 1, Function 0 is disabled and hidden.
1 = Bus 0, Device 1, Function 0 is enabled and visible.
Default value is determined by the device capabilities (see CAPID0
[44]), SDVO Presence hardware strap and the SDVO/PCIe Concurrent
hardware strap. Device 1 is Disabled on Reset if the SDVO Presence
strap was sampled high, and the SDVO/PCIe Concurrent strap was
sampled low at the last assertion of PWROK, and is enabled by default
otherwise.
0
RO
1b
Host Bridge (D0EN): Bus 0, Device 0, Function 0 may not be
disabled and is therefore hardwired to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com