Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 256 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 256 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 252Page - Intel Corporation 82G33 Datasheet HTML 253Page - Intel Corporation 82G33 Datasheet HTML 254Page - Intel Corporation 82G33 Datasheet HTML 255Page - Intel Corporation 82G33 Datasheet HTML 256Page - Intel Corporation 82G33 Datasheet HTML 257Page - Intel Corporation 82G33 Datasheet HTML 258Page - Intel Corporation 82G33 Datasheet HTML 259Page - Intel Corporation 82G33 Datasheet HTML 260Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 437 page
background image
Integrated Graphics Device Registers (D2:F0,F1)
(Intel® 82Q35, 82Q33, 82G33 GMCH Only)
256
Datasheet
Bit
Access &
Default
Description
7:4
RO
0011b
Graphics Mode Select (GMS): This field is used to select the
amount of Main Memory that is pre-allocated to support the Internal
Graphics device in VGA (non-linear) and Native (linear) modes. The
BIOS ensures that memory is pre-allocated only when Internal
graphics is enabled.
0000 = No memory pre-allocated. Device 2 (IGD) does not claim
VGA cycles (Memory and I/O), and the Sub-Class Code field
within Device 2 function 0 Class Code register is 80.
0001 = DVMT (UMA) mode, 1 MB of memory pre-allocated for frame
buffer.
0010 = DVMT (UMA) mode, 4 MB of memory pre-allocated for frame
buffer.
0011 = DVMT (UMA) mode, 8 MB of memory pre-allocated for frame
buffer.
0100 = DVMT (UMA) mode, 16 MB of memory pre-allocated for
frame buffer.
0101 = DVMT (UMA) mode, 32 MB of memory pre-allocated for
frame buffer.
0110 = DVMT (UMA) mode, 48 MB of memory pre-allocated for
frame buffer.
0111 = DVMT (UMA) mode, 64 MB of memory pre-allocated for
frame buffer.
1000 = DVMT (UMA) mode, 128 MB of memory pre-allocated for
frame buffer.
1001 = DVMT (UMA) mode, 256 MB of memory pre-allocated for
frame buffer.
Note: This register is locked and becomes Read Only when the
D_LCK bit in the
SMRAM register is set.
BIOS Requirement: BIOS must not set this field to 000 if IVD (bit 1
of this register) is 0.
3:0
RO
0000b
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com