Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 254 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 254 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 250Page - Intel Corporation 82G33 Datasheet HTML 251Page - Intel Corporation 82G33 Datasheet HTML 252Page - Intel Corporation 82G33 Datasheet HTML 253Page - Intel Corporation 82G33 Datasheet HTML 254Page - Intel Corporation 82G33 Datasheet HTML 255Page - Intel Corporation 82G33 Datasheet HTML 256Page - Intel Corporation 82G33 Datasheet HTML 257Page - Intel Corporation 82G33 Datasheet HTML 258Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 437 page
background image
Integrated Graphics Device Registers (D2:F0,F1)
(Intel® 82Q35, 82Q33, 82G33 GMCH Only)
254
Datasheet
8.1.20
CAPID0—Capability Identifier
B/D/F/Type:
0/2/0/PCI
Address Offset:
40–50h
Default Value:
00000000000000000100000000010B0009h
Access:
RO
Size:
136 bits
BIOS Optimal Default
000000000000h
This register control of bits in this register are only required for customer visible SKU
differentiation.
Bit
Access &
Default
Description
135:28
RO
0s
Reserved
27:24
RO
1h
CAPID Version (CAPIDV): This field has the value 0001b to
identify the first revision of the CAPID register definition.
23:16
RO
0bh
CAPID Length (CAPIDL): This field has the value 0bh to indicate
the structure length (11 bytes).
15:8
RO
00h
Next Capability Pointer (NCP): This field is hardwired to 00h
indicating the end of the capabilities linked list.
7:0
RO
09h
Capability Identifier (CAP_ID): This field has the value 1001b to
identify the CAP_ID assigned by the PCI SIG for vendor dependent
capability pointers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com