Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 260 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 260 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 256Page - Intel Corporation 82G33 Datasheet HTML 257Page - Intel Corporation 82G33 Datasheet HTML 258Page - Intel Corporation 82G33 Datasheet HTML 259Page - Intel Corporation 82G33 Datasheet HTML 260Page - Intel Corporation 82G33 Datasheet HTML 261Page - Intel Corporation 82G33 Datasheet HTML 262Page - Intel Corporation 82G33 Datasheet HTML 263Page - Intel Corporation 82G33 Datasheet HTML 264Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 437 page
background image
Integrated Graphics Device Registers (D2:F0,F1)
(Intel® 82Q35, 82Q33, 82G33 GMCH Only)
260
Datasheet
8.1.26
MC—Message Control
B/D/F/Type:
0/2/0/PCI
Address Offset:
92–93h
Default Value:
0000h
Access:
RO, RW
Size:
16 bits
System software can modify bits in this register, but the device is prohibited from
doing so. If the device writes the same message multiple times, only one of those
messages is ensured to be serviced. If all of them must be serviced, the device must
not generate the same message again until the driver services the earlier one.
Bit
Access &
Default
Description
15:8
RO
00h
Reserved
7
RO
0b
64 Bit Capable (64BCAP): Hardwired to 0 to indicate that the
function does not implement the upper 32 bits of the Message address
register and is incapable of generating a 64-bit memory address.
This may need to change in future implementations when addressable
system memory exceeds the 32b / 4 GB limit.
6:4
RW
000b
Multiple Message Enable (MME): System software programs this
field to indicate the actual number of messages allocated to this
device. This number will be equal to or less than the number actually
requested.
The encoding is the same as for the MMC field (Bits 3:1).
3:1
RO
000b
Multiple Message Capable (MMC): System Software reads this field
to determine the number of messages being requested by this device.
000 = 1
All of the following are reserved in this implementation
001 = 2
010 = 4
011 = 8
100 = 16
101 = 32
110 = Reserved
111 = Reserved
0
RW
0b
MSI Enable (MSIEN): This bit controls the ability of this device to
generate MSIs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com