Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 262 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 262 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 258Page - Intel Corporation 82G33 Datasheet HTML 259Page - Intel Corporation 82G33 Datasheet HTML 260Page - Intel Corporation 82G33 Datasheet HTML 261Page - Intel Corporation 82G33 Datasheet HTML 262Page - Intel Corporation 82G33 Datasheet HTML 263Page - Intel Corporation 82G33 Datasheet HTML 264Page - Intel Corporation 82G33 Datasheet HTML 265Page - Intel Corporation 82G33 Datasheet HTML 266Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 437 page
background image
Integrated Graphics Device Registers (D2:F0,F1)
(Intel® 82Q35, 82Q33, 82G33 GMCH Only)
262
Datasheet
8.1.29
GDRST—Graphics Debug Reset
B/D/F/Type:
0/2/0/PCI
Address Offset:
C0h
Default Value:
00h
Access:
RO, RW
Size:
8 bits
Bit
Access &
Default
Description
7:4
RO
0h
Reserved
3:2
RW
00b
Graphics Reset Domain (GRDOM):
00 = Full Graphics Reset will be performed (both render and display
clock domain resets asserted
01 = Reserved (Invalid Programming)
10 = Reserved (Invalid Programming)
11 = Reserved (Invalid Programming)
1
RO
0b
Reserved
0
RW
0b
Graphics Reset Enable (GR): Setting this bit asserts graphics-only
reset. The clock domains to be reset are determined by GRDOM.
Hardware resets this bit when the reset is complete. Setting this bit
without waiting for it to clear, is undefined behavior. Once this bit is
set to a 1, all GFX core MMIO registers are returned to power on
default state. All Ring buffer pointers are reset, command stream
fetches are dropped and ongoing render pipeline processing is halted,
state machines and State Variables returned to power on default state.
If the Display is reset, all display engines are halted (garbage on
screen). VGA memory is not available, Store DWords and interrupts
are not assured to be completed. Device 2 I/O registers are not
available.
When issuing the graphics reset, disable the cursor, display, and
overlay engines using the MMIO registers. Wait 1 us. Issue the
graphics reset by setting this bit to 1.
Device 2 Configuration registers continue to be available while graphics
reset is asserted.
This bit is hardware auto-clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com