Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 264 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 264 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 260Page - Intel Corporation 82G33 Datasheet HTML 261Page - Intel Corporation 82G33 Datasheet HTML 262Page - Intel Corporation 82G33 Datasheet HTML 263Page - Intel Corporation 82G33 Datasheet HTML 264Page - Intel Corporation 82G33 Datasheet HTML 265Page - Intel Corporation 82G33 Datasheet HTML 266Page - Intel Corporation 82G33 Datasheet HTML 267Page - Intel Corporation 82G33 Datasheet HTML 268Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 437 page
background image
Integrated Graphics Device Registers (D2:F0,F1)
(Intel® 82Q35, 82Q33, 82G33 GMCH Only)
264
Datasheet
8.1.32
PMCS—Power Management Control/Status
B/D/F/Type:
0/2/0/PCI
Address Offset:
D4–D5h
Default Value:
0000h
Access:
RO, RW
Size:
16 bits
Bit
Access &
Default
Description
15
RO
0b
PME Status (PMESTS): This bit is 0 to indicate that IGD does not
support PME# generation from D3 (cold).
14:13
RO
00b
Data Scale (DSCALE): The IGD does not support data register. This
bit always returns 00 when read, write operations have no effect.
12:9
RO
0h
Data Select (DSEL): The IGD does not support data register. This bit
always returns 0h when read, write operations have no effect.
8
RO
0b
PME Enable (PME_EN): This bit is 0 to indicate that PME# assertion
from D3 (cold) is disabled.
7:2
RO
00h
Reserved
1:0
RW
00b
Power State (PWRSTAT): This field indicates the current power state
of the IGD and can be used to set the IGD into a new power state. If
software attempts to write an unsupported state to this field, write
operation must complete normally on the bus, but the data is
discarded and no state change occurs. On a transition from D3 to D0
the graphics controller is optionally reset to initial values.
00 = D0 (Default)
01 = D1 (Not Supported)
10 = D2 (Not Supported)
11 = D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com