Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 309 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 309 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 305Page - Intel Corporation 82G33 Datasheet HTML 306Page - Intel Corporation 82G33 Datasheet HTML 307Page - Intel Corporation 82G33 Datasheet HTML 308Page - Intel Corporation 82G33 Datasheet HTML 309Page - Intel Corporation 82G33 Datasheet HTML 310Page - Intel Corporation 82G33 Datasheet HTML 311Page - Intel Corporation 82G33 Datasheet HTML 312Page - Intel Corporation 82G33 Datasheet HTML 313Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
Datasheet
309
9.2.11
CAP— Capabilities Pointer
B/D/F/Type:
0/3/1/PCI
Address Offset:
34h
Default Value:
50h
Access:
RO
Size:
8 bits
Bit
Access &
Default
Description
7:0
RO
50h
Capability Pointer (CP): This field indicates the first capability pointer
offset. It points to the PCI power management capability offset.
9.2.12
INTR— Interrupt Information
B/D/F/Type:
0/3/1/PCI
Address Offset:
3C–3Dh
Default Value:
0400h
Access:
RW, RO
Size:
16 bits
Bit
Access &
Default
Description
15:8
RO
04h
Interrupt Pin (IPIN): This field indicates the interrupt pin the HECI
host controller uses. The value of 01h selects INTA# interrupt pin.
Note: As HECI is an internal device in the GMCH, the INTA# pin is
implemented as an INTA# message to the ICH9.
7:0
RW
00h
Interrupt Line (ILINE): Software written value to indicate which
interrupt line (vector) the interrupt is connected to. No hardware action
is taken on this register.
9.2.13
MGNT— Minimum Grant
B/D/F/Type:
0/3/1/PCI
Address Offset:
3Eh
Default Value:
00h
Access:
RO
Size:
8 bits
Bit
Access &
Default
Description
7:0
RO
00h
Grant (GNT): Not implemented, hardwired to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com