Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 312 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 312 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 308Page - Intel Corporation 82G33 Datasheet HTML 309Page - Intel Corporation 82G33 Datasheet HTML 310Page - Intel Corporation 82G33 Datasheet HTML 311Page - Intel Corporation 82G33 Datasheet HTML 312Page - Intel Corporation 82G33 Datasheet HTML 313Page - Intel Corporation 82G33 Datasheet HTML 314Page - Intel Corporation 82G33 Datasheet HTML 315Page - Intel Corporation 82G33 Datasheet HTML 316Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
312
Datasheet
9.2.18
PMCS— PCI Power Management Control And Status
B/D/F/Type:
0/3/1/PCI
Address Offset:
54–55h
Default Value:
0008h
Access:
RO, RW, RWC
Size:
16 bits
Bit
Access &
Default
Description
15
RWC
0b
PME Status (PMES): The PME Status bit in HECI space can be set to 1
by ME FW performing a write into AUX register to set PMES.
This bit is cleared by host processor writing a 1 to it. ME FW cannot
clear this bit. Host processor writes with value 0 have no effect on this
bit.
This bit is reset to 0 by MRST#.
14:9
RO
000000b
Reserved.
8
RW
0b
PME Enable (PMEE): This bit is read/write, under control of host
software. It does not directly have an effect on PME events. However,
this bit is shadowed into AUX space so ME FW can monitor it. The ME
FW is responsible for ensuring that FW does not cause the PME-S bit to
transition to 1 while the PMEE bit is 0, indicating that host software had
disabled PME.
This bit is reset to 0 by MRST#.
7:4
RO
0000b
Reserved
3
RO
1b
No_Soft_Reset (NSR): This bit indicates that when the HECI host
controller is transitioning from D3hot to D0 due to power state
command, it does not perform an internal reset. Configuration context
is preserved: Reserved.
2
RO
0b
Reserved
1:0
RW
00b
Power State (PS): This field is used both to determine the current
power state of the HECI host controller and to set a new power state.
00 = D0 state
11 = D3HOT state
The D1 and D2 states are not supported for this HECI host controller.
When in the D3HOT state, the configuration space is available, but the
register memory spaces are not. Additionally, interrupts are blocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com