Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 316 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 316 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 312Page - Intel Corporation 82G33 Datasheet HTML 313Page - Intel Corporation 82G33 Datasheet HTML 314Page - Intel Corporation 82G33 Datasheet HTML 315Page - Intel Corporation 82G33 Datasheet HTML 316Page - Intel Corporation 82G33 Datasheet HTML 317Page - Intel Corporation 82G33 Datasheet HTML 318Page - Intel Corporation 82G33 Datasheet HTML 319Page - Intel Corporation 82G33 Datasheet HTML 320Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
316
Datasheet
9.3
IDE Function for Remote Boot and Installations
PT IDER Register Details (D3:F2) (Intel® 82Q35
and 82Q33 GMCH Only)
Table 9-3. IDE Function for Remote Boot and Installations PT IDER Register Address
Map
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
00–3h
ID
Identification
29C68086h
RO
04–5h
CMD
Command Register
0000h
RO, RW
06–7h
STS
Device Status
00B0h
RO
08h
RID
Revision ID
00h
RO
09–Bh
CC
Class Codes
010185h
RO
0Ch
CLS
Cache Line Size
00h
RO
0Dh
MLT
Master Latency Timer
00h
RO
0Eh
HTYPE
Header Type
00h
RO
10–13h
PCMDBA
Primary Command Block IO Bar
00000001h
RO, RW
14–17h
PCTLBA
Primary Control Block Base Address
00000001h
RO, RW
18–1Bh
SCMDBA
Secondary Command Block Base Address
00000001h
RO, RW
1C–1Fh
SCTLBA
Secondary Control Block base Address
00000001h
RO, RW
20–23h
LBAR
Legacy Bus Master Base Address
00000001h
RO, RW
24–27h
RSVD
Reserved
00000000h
RO
2C–2Fh
SS
Sub System Identifiers
00008086h
RWO
30–33h
EROM
Expansion ROM Base Address
00000000h
RO
34h
CAP
Capabilities Pointer
C8h
RO
3C–3Dh
INTR
Interrupt Information
0300h
RW, RO
3Eh
MGNT
Minimum Grant
00h
RO
3Fh
MLAT
Maximum Latency
00h
RO
C8–C9h
PID
PCI Power Management Capability ID
D001h
RO
CA–CBh
PC
PCI Power Management Capabilities
0023h
RO
CC–CFh
PMCS
PCI Power Management Control and
Status
00000000h
RO, RW,
RO/V
D0–D1h
MID
Message Signaled Interrupt Capability ID
0005h
RO
D2–D3h
MC
Message Signaled Interrupt Message
Control
0080h
RO, RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com