Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 317 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 317 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 313Page - Intel Corporation 82G33 Datasheet HTML 314Page - Intel Corporation 82G33 Datasheet HTML 315Page - Intel Corporation 82G33 Datasheet HTML 316Page - Intel Corporation 82G33 Datasheet HTML 317Page - Intel Corporation 82G33 Datasheet HTML 318Page - Intel Corporation 82G33 Datasheet HTML 319Page - Intel Corporation 82G33 Datasheet HTML 320Page - Intel Corporation 82G33 Datasheet HTML 321Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
Datasheet
317
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
D4–D7h
MA
Message Signaled Interrupt Message
Address
00000000h
RO, RW
D8–DBh
MAU
Message Signaled Interrupt Message
Upper Address
00000000h
RO, RW
DC–DDh
MD
Message Signaled Interrupt Message
Data
0000h
RW
9.3.1
ID—Identification
B/D/F/Type:
0/3/2/PCI
Address Offset:
00–03h
Default Value:
29C68086h
Access:
RO
Size:
32 bits
This register combined with the Device Identification register uniquely identifies any
PCI device.
Bit
Access &
Default
Description
31:16
RO
29C6h
Device ID (DID): Assigned by Manufacturer, identifies the type of
Device.
15:0
RO
8086h
Vendor ID (VID): 16-bit field which indicates the company vendor as
Intel.
9.3.2
CMD—Command Register
B/D/F/Type:
0/3/2/PCI
Address Offset:
04–05h
Default Value:
0000h
Access:
RO, RW
Size:
16 bits
This register provides basic control over the device's ability to respond to and perform
Host system related accesses.
Note: Reset: Host System reset or D3->D0 transition of function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com