Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 321 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 321 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 317Page - Intel Corporation 82G33 Datasheet HTML 318Page - Intel Corporation 82G33 Datasheet HTML 319Page - Intel Corporation 82G33 Datasheet HTML 320Page - Intel Corporation 82G33 Datasheet HTML 321Page - Intel Corporation 82G33 Datasheet HTML 322Page - Intel Corporation 82G33 Datasheet HTML 323Page - Intel Corporation 82G33 Datasheet HTML 324Page - Intel Corporation 82G33 Datasheet HTML 325Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
Datasheet
321
9.3.7
MLT—Master Latency Timer
B/D/F/Type:
0/3/2/PCI
Address Offset:
0Dh
Default Value:
00h
Access:
RO
Size:
8 bits
This register defines the minimum number of PCI clocks the bus master can retain
ownership of the bus whenever it initiates new transactions.
Bit
Access &
Default
Description
7:0
RO
00h
Master Latency Timer (MLT): Not implemented since the function is
in (G)MCH.
9.3.8
HTYPE—Header Type
B/D/F/Type:
0/3/2/PCI
Address Offset:
0Eh
Default Value:
00h
Access:
RO
Size:
8 bits
Bit
Access &
Default
Description
7:0
RO
00h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com