Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 318 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 318 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 314Page - Intel Corporation 82G33 Datasheet HTML 315Page - Intel Corporation 82G33 Datasheet HTML 316Page - Intel Corporation 82G33 Datasheet HTML 317Page - Intel Corporation 82G33 Datasheet HTML 318Page - Intel Corporation 82G33 Datasheet HTML 319Page - Intel Corporation 82G33 Datasheet HTML 320Page - Intel Corporation 82G33 Datasheet HTML 321Page - Intel Corporation 82G33 Datasheet HTML 322Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
318
Datasheet
Bit
Access &
Default
Description
15:11
RO
00h
Reserved
10
RW
0b
Interrupt Disable (ID): This disables pin-based INTx# interrupts.
This bit has no effect on MSI operation.
0 = Enable. Internal INTx# messages are generated if there is an
interrupt and MSI is not enabled.
1 = Disable. Internal INTx# messages will not be generated.
9
RO
0b
Fast back-to-back enable (FBE): Reserved
8
RO
0b
SERR# Enable (SEE): The PT function never generates an SERR#.
This bit is reserved.
7
RO
0b
Wait Cycle Enable (WCC): Reserved
6
RO
0b
Parity Error Response Enable (PEE): No Parity detection in PT
functions. This bit is reserved.
5
RO
0b
VGA Palette Snooping Enable (VGA): Reserved
4
RO
0b
Memory Write and Invalidate Enable (MWIE): Reserved
3
RO
0b
Special Cycle enable (SCE): Reserved
2
RW
0b
Bus Master Enable (BME): This bit controls the PT function's ability to
act as a master for data transfers. This bit does not impact the
generation of completions for split transaction commands.
0 = Disable
1 = Enable
1
RO
0b
Memory Space Enable (MSE): PT function does not contain target
memory space.
0
RW
0b
I/O Space enable (IOSE): This bit controls access to the PT
function's target I/O space.
0 = Disable
1 = Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com