Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 319 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 319 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 315Page - Intel Corporation 82G33 Datasheet HTML 316Page - Intel Corporation 82G33 Datasheet HTML 317Page - Intel Corporation 82G33 Datasheet HTML 318Page - Intel Corporation 82G33 Datasheet HTML 319Page - Intel Corporation 82G33 Datasheet HTML 320Page - Intel Corporation 82G33 Datasheet HTML 321Page - Intel Corporation 82G33 Datasheet HTML 322Page - Intel Corporation 82G33 Datasheet HTML 323Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
Datasheet
319
9.3.3
STS—Device Status
B/D/F/Type:
0/3/2/PCI
Address Offset:
06–07h
Default Value:
00B0h
Access:
RO
Size:
16 bits
This register is used by the function to reflect its PCI status to the host for the
functionality that it implements.
Bit
Access &
Default
Description
15
RO
0b
Detected Parity Error (DPE): No parity error on its interface.
14
RO
0b
Signaled System Error (SSE): The PT function will never generate
an SERR#.
13
RO
0b
Received Master-Abort Status (RMA): Reserved
12
RO
0b
Received Target-Abort Status (RTA): Reserved
11
RO
0b
Signaled Target-Abort Status (STA): The PT Function will never
generate a target abort. This bit is reserved.
10:9
RO
0b
DEVSEL# Timing Status (DEVT): Controls the device select time for
the PT function's PCI interface.
8
RO
0b
Master Data Parity Error Detected) (DPD): PT function (IDER), as
a master, does not detect a parity error. Other PT function is not a
master and hence this bit is reserved also.
7
RO
1b
Fast back to back capable (RSVD): Reserved
6
RO
0b
Reserved
5
RO
1b
66MHz capable (RSVD):
4
RO
1b
Capabilities List (CL): This bit indicates that there is a capabilities
pointer implemented in the device.
3
RO
0b
Interrupt Status (IS): This bit reflects the state of the interrupt in
the function. Setting of the Interrupt Disable bit to 1 has no affect on
this bit. Only when this bit is a 1 and ID bit is 0 is the INTc interrupt
asserted to the Host
2:0
RO
000b
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com