Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 323 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 323 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 319Page - Intel Corporation 82G33 Datasheet HTML 320Page - Intel Corporation 82G33 Datasheet HTML 321Page - Intel Corporation 82G33 Datasheet HTML 322Page - Intel Corporation 82G33 Datasheet HTML 323Page - Intel Corporation 82G33 Datasheet HTML 324Page - Intel Corporation 82G33 Datasheet HTML 325Page - Intel Corporation 82G33 Datasheet HTML 326Page - Intel Corporation 82G33 Datasheet HTML 327Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
Datasheet
323
9.3.11
SCMDBA—Secondary Command Block Base Address
B/D/F/Type:
0/3/2/PCI
Address Offset:
18–1Bh
Default Value:
00000001h
Access:
RO, RW
Size:
32 bits
This 8-byte I/O space is used in Native Mode for the secondary Controller's Command
Block. Secondary Channel is not implemented and reads return 7F7F7F7Fh and all
writes are ignored.
Note: Reset: Host System Reset or D3->D0 transition of the function.
Bit
Access &
Default
Description
31:16
RO
0000h
Reserved
15:3
RW
0000h
Base Address (BAR): This field provides the base address of the I/O
space (8 consecutive I/O locations)
2:1
RO
00b
Reserved
0
RO
1b
Resource Type Indicator (RTE): Indicates a request for I/O space
9.3.12
SCTLBA—Secondary Control Block base Address
B/D/F/Type:
0/3/2/PCI
Address Offset:
1C–1Fh
Default Value:
00000001h
Access:
RO, RW
Size:
32 bits
This 4-byte I/O space is used in Native Mode for Secondary Controller's Control block.
Secondary Channel is not implemented and reads return 7F7F7F7Fh and all writes are
ignored.
Note: Reset: Host System Reset or D3->D0 transition.
Bit
Access &
Default
Description
31:16
RO
0000h
Reserved
15:2
RW
0000h
Base Address (BAR): This field provides the base address of the I/O
space (4 consecutive I/O locations)
1
RO
0b
Reserved
0
RO
1b
Resource Type Indicator (RTE): Indicates a request for I/O space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com