Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 326 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 326 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 322Page - Intel Corporation 82G33 Datasheet HTML 323Page - Intel Corporation 82G33 Datasheet HTML 324Page - Intel Corporation 82G33 Datasheet HTML 325Page - Intel Corporation 82G33 Datasheet HTML 326Page - Intel Corporation 82G33 Datasheet HTML 327Page - Intel Corporation 82G33 Datasheet HTML 328Page - Intel Corporation 82G33 Datasheet HTML 329Page - Intel Corporation 82G33 Datasheet HTML 330Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
326
Datasheet
9.3.16
CAP—Capabilities Pointer
B/D/F/Type:
0/3/2/PCI
Address Offset:
34h
Default Value:
C8h
Access:
RO
Size:
8 bits
This optional register is used to point to a linked list of new capabilities implemented
by the device.
Bit
Access &
Default
Description
7:0
RO
C8h
Capability Pointer (CP): This field indicates that the first capability
pointer offset is offset C8h ( the power management capability)
9.3.17
INTR—Interrupt Information
B/D/F/Type:
0/3/2/PCI
Address Offset:
3C–3Dh
Default Value:
0300h
Access:
RW, RO
Size:
16 bits
See definitions in the registers below.
Note: Reset: Host System Reset or D3->D0 reset of the function.
Bit
Access &
Default
Description
15:8
RO
03h
Interrupt Pin (IPIN): a value of 0x1/0x2/0x3/0x4 indicates that this
function implements legacy interrupt on INTA/INTB/INTC/INTD,
respectively
Function
Value
INTx
(2 IDE)
03h
INTC
7:0
RW
00h
Interrupt Line (ILINE): The value written in this register indicates
which input of the system interrupt controller, the device's interrupt pin
is connected. This value is used by the OS and the device driver, and
has no affect on the hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com