Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 314 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 314 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 310Page - Intel Corporation 82G33 Datasheet HTML 311Page - Intel Corporation 82G33 Datasheet HTML 312Page - Intel Corporation 82G33 Datasheet HTML 313Page - Intel Corporation 82G33 Datasheet HTML 314Page - Intel Corporation 82G33 Datasheet HTML 315Page - Intel Corporation 82G33 Datasheet HTML 316Page - Intel Corporation 82G33 Datasheet HTML 317Page - Intel Corporation 82G33 Datasheet HTML 318Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
314
Datasheet
9.2.21
MA— Message Signaled Interrupt Message Address
B/D/F/Type:
0/3/1/PCI
Address Offset:
90–93h
Default Value:
00000000h
Access:
RW, RO
Size:
32 bits
Bit
Access &
Default
Description
31:2
RW
00000000h
Address (ADDR): This field provides the lower 32 bits of the system
specified message address, always DWord aligned.
MSI is not translated in Vtd, therefore, in order to avoid sending bad
MSI with address bit [31:20] will be masked internally to generate
12'hFEE regardless of content in register. Register attribute remains
as RW.
1:0
RO
00b
Reserved
9.2.22
MUA— Message Signaled Interrupt Upper Address
(Optional)
B/D/F/Type:
0/3/1/PCI
Address Offset:
94–97h
Default Value:
00000000h
Access:
RW
Size:
32 bits
Bit
Access &
Default
Description
31:0
RW
00000000h
Upper Address (UADDR): Upper 32 bits of the system specified
message address. This register is optional and only implemented if
MC.C64=1.
MSI is not translated in Vtd, therefore, in order to avoid sending bad
MSI with address bit [3:0] will be masked internally to generate 4'h0
regardless of content in register. Register attribute remains as RW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com