Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 310 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 310 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 306Page - Intel Corporation 82G33 Datasheet HTML 307Page - Intel Corporation 82G33 Datasheet HTML 308Page - Intel Corporation 82G33 Datasheet HTML 309Page - Intel Corporation 82G33 Datasheet HTML 310Page - Intel Corporation 82G33 Datasheet HTML 311Page - Intel Corporation 82G33 Datasheet HTML 312Page - Intel Corporation 82G33 Datasheet HTML 313Page - Intel Corporation 82G33 Datasheet HTML 314Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
310
Datasheet
9.2.14
MLAT— Maximum Latency
B/D/F/Type:
0/3/1/PCI
Address Offset:
3Fh
Default Value:
00h
Access:
RO
Size:
8 bits
Bit
Access &
Default
Description
7:0
RO
00h
Latency (LAT): Not implemented, hardwired to 0.
9.2.15
HFS— Host Firmware Status
B/D/F/Type:
0/3/1/PCI
Address Offset:
40–43h
Default Value:
00000000h
Access:
RO
Size:
32 bits
Bit
Access &
Default
Description
31:0
RO
00000000h
Firmware Status Host Access (FS_HA): This field indicates current
status of the firmware for the HECI controller. This field is the host's
read only access to the FS field in the ME Firmware Status AUX
register.
9.2.16
PID— PCI Power Management Capability ID
B/D/F/Type:
0/3/1/PCI
Address Offset:
50–51h
Default Value:
8C01h
Access:
RO
Size:
16 bits
Bit
Access &
Default
Description
15:8
RO
8Ch
Next Capability (NEXT): This field indicates the location of the next
capability item in the list. This is the Message Signaled Interrupts
capability.
7:0
RO
01h
Cap ID (CID): This field indicates that this pointer is a PCI power
management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com