Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 306 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 306 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 302Page - Intel Corporation 82G33 Datasheet HTML 303Page - Intel Corporation 82G33 Datasheet HTML 304Page - Intel Corporation 82G33 Datasheet HTML 305Page - Intel Corporation 82G33 Datasheet HTML 306Page - Intel Corporation 82G33 Datasheet HTML 307Page - Intel Corporation 82G33 Datasheet HTML 308Page - Intel Corporation 82G33 Datasheet HTML 309Page - Intel Corporation 82G33 Datasheet HTML 310Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
306
Datasheet
9.2.4
RID— Revision ID
B/D/F/Type:
0/3/1/PCI
Address Offset:
08h
Default Value:
00h
Access:
RO
Size:
8 bits
Bit
Access &
Default
Description
7:0
RO
00h
Revision ID (RID): Indicates stepping of the HECI host controller.
Refer to the Intel® 3 Series Express Chipset Family Specification
Update for the value of the Revision ID register.
9.2.5
CC— Class Code
B/D/F/Type:
0/3/1/PCI
Address Offset:
09–0Bh
Default Value:
078000h
Access:
RO
Size:
24 bits
Bit
Access &
Default
Description
23:16
RO
07h
Base Class Code (BCC): Indicates the base class code of the HECI
host controller device.
15:8
RO
80h
Sub Class Code (SCC): Indicates the sub class code of the HECI host
controller device.
7:0
RO
00h
Programming Interface (PI): Indicates the programming interface of
the HECI host controller device.
9.2.6
CLS— Cache Line Size
B/D/F/Type:
0/3/1/PCI
Address Offset:
0Ch
Default Value:
00h
Access:
RO
Size:
8 bits
Bit
Access &
Default
Description
7:0
RO
00h
Cache Line Size (CLS): Not implemented, hardwired to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com