Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 303 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 303 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 299Page - Intel Corporation 82G33 Datasheet HTML 300Page - Intel Corporation 82G33 Datasheet HTML 301Page - Intel Corporation 82G33 Datasheet HTML 302Page - Intel Corporation 82G33 Datasheet HTML 303Page - Intel Corporation 82G33 Datasheet HTML 304Page - Intel Corporation 82G33 Datasheet HTML 305Page - Intel Corporation 82G33 Datasheet HTML 306Page - Intel Corporation 82G33 Datasheet HTML 307Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
Datasheet
303
9.2.1
ID— Identifiers
B/D/F/Type:
0/3/1/PCI
Address Offset:
00–03h
Default Value:
29758086h
Access:
RO
Size:
32 bits
Bit
Access &
Default
Description
31:16
RO
2975h
Device ID (DID): Indicates what device number assigned by Intel.
15:0
RO
8086h
Vendor ID (VID): 16-bit field which indicates Intel is the vendor,
assigned by the PCI SIG.
9.2.2
CMD— Command
B/D/F/Type:
0/3/1/PCI
Address Offset:
04–05h
Default Value:
0000h
Access:
RO, RW
Size:
16 bits
Bit
Access &
Default
Description
15:11
RO
00000b
Reserved
10
RW
0b
Interrupt Disable (ID): Disables this device from generating PCI line
based interrupts. This bit does not have any effect on MSI operation.
0 = Enable
1 = Disable
9
RO
0b
Fast Back-to-Back Enable (FBE): Not implemented, hardwired to 0.
8
RO
0b
SERR# Enable (SEE): Not implemented, hardwired to 0.
7
RO
0b
Wait Cycle Enable (WCC): Not implemented, hardwired to 0.
6
RO
0b
Parity Error Response Enable (PEE): Not implemented, hardwired to
0.
5
RO
0b
VGA Palette Snooping Enable (VGA): Not implemented, hardwired
to 0
4
RO
0b
Memory Write and Invalidate Enable (MWIE): Not implemented,
hardwired to 0.
3
RO
0b
Special Cycle Enable (SCE): Not implemented, hardwired to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com